Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE703 Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE703
Description  White LED PFM Step-Up DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE703 Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE703 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 13Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 
                                                                                                                      
ACE703
                        Technology
White LED PFM Step-Up DC-DC Converter
VER 1.2
9
Firstly, select the appropriate value of L.C. It require the value of L*C be not too large, and the value of
L/C be small. For example, select L=22uH,C=100uF;or L=10uH,C=47uF;etc.
If select L/C>1(such as L=100uH,C=47uF),it is improper in large current(larger than 100mA)
application.
Secondly, add a compensation capacitor C1 to reduce the ripple. However, the value of the
compensation capacitor is different between constant current application and constant voltage mode.C1
and the resistor parallel connected with it will generate a pole, thus, it can compensate the syntonic
frequency made by L.C.
In constant voltage mode, if the resistor parallel connected with C1 is large,(eg: R1=290KΩ) then τ=R1‧
C1 is large, therefore, when C1≥0.1uF,the ripple can be decreased greatly.
But in constant current mode, the resistor parallel connected with C1 is just the equivalent resistor of the
white-LED, about 1Ω.Then,to maintain larger τ require larger compensation capacitor, normally between
10uF to 47uF.Many experiments have proved, when L=22uH,Cout=100uF,C1=22uF,the ripple of the
output voltage, the output current, and the feedback voltage is smallest, and the characteristic of the
constant current is excellent, even the efficiency is highest.
Test circuits
(1) Feedback voltage test circuit
(2) Start-up voltage test circuit(Iload=1mA)
ACE703
ACE703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com