Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE708 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE708
Description  300mA Iout, 0.85V startup, 1MHz, Synchronous Boost Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE708 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE708 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
 
                                                                                                                      
ACE708
                        Technology
300mA Iout, 0.85V startup, 1MHz, Synchronous Boost Converter
VER 1.2
3
Detail Description
ACE708 is a low input voltage start up, current mode dc-dc step up converter. It’s operation can be best
understood by referring to the block diagram. Upon starting up, the low voltage startup circuitry drives SW
with on-off cycles, transferring energy from input to OUT by storing energy in the inductor during on-time
and releasing it to the output during off-time. When OUT reaches 2V, the startup circuit turns off and the
main controller takes over. The main control loop consists of a reference, a GM error amplifier, a PWM
controller, a current sense amplifier, an oscillator, a PWM logic control, and it is power stage including its
driver. The main control loop is a classic current mode control loop. The GM stage integrates the error
between FB and REF, and its output is used to compare with a triangular wave which the summing result
of the current sense amplifier output and a slope compensation voltage. The output of the comparator is
used to drive the power stage to reach regulation.
Application Information
Output Voltage selection
The output voltages can be set by connecting FB to OUT, to G or to the midpoint of a resistor divider
connected to OUT. See below table for details.
Inductor selection
With switching frequency up to 1MHz, small surface mount inductors can be used with values from
2.2uH to 4.7uH. For a given chosen inductor value and application conditions make sure the peak
inductor current does not exceed the maximum current rating of the selected vendor's inductor.
Input and output capacitor selection
The ACE708's bootstrap architecture allows the use of very small input capacitor. For applications that
only need to drive small output load current, the input capacitor is optional, because once output is started
up, the IC's is powered by OUT, a quiet power supply.
The output capacitor is used to stabilize the loop and provide ac current to the load. A low ESR ceramic
cap with values from 2.2uF to 22uF can be used. Smaller value capacitors are generally cheaper with
small footprints, while larger capacitor provides lower ripples and better transient load responses. Also,
when extreme low startup voltage is needed, larger output capacitors are needed for the part to startup
under heavy load condition.
FB=G
VOUT=5.0V
FB=OUT
VOUT=3.3V
FB to resistor divider
VOUT=0.6V(1+R1/R2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com