Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE708 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE708
Description  300mA Iout, 0.85V startup, 1MHz, Synchronous Boost Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE708 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE708 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
                                                                                                                      
ACE708
                        Technology
300mA Iout, 0.85V startup, 1MHz, Synchronous Boost Converter
VER 1.2
1 
Description
The ACE708 is a step-up converter that provides a boosted output voltage from a low voltage source.
Because of its proprietary design, it starts up at a very low input voltage down to 850mV, making it an
ideal choice for single cell alkaline/NiMH battery operations.
A switching frequency of 1MHz minimizes solution footprint by allowing the use of tiny, low profile
inductors and ceramic capacitors. The current mode PWM design is internally compensated, reducing
external parts count.
Features
• Up to 95% Efficiency
• 1MHz Switching Frequency allows small inductor and output cap
• Input boost-strapping allows using small or no input cap
• Low Vin Start-up Voltage down to 850mV Ideal for Single Alkaline Cell operations
• Maximum Output Current up to 300mA
• Low Noise PWM control
• Internally Compensated Current Mode Control
• Internal Synchronous Rectifier
• Logic Control Shutdown (IQ<1uA)
• Available in SOT-23-5
Application
• One to Three Cell Battery Operated Devices
• Medical Instruments
• Bluetooth Headsets
• Flash-Based MP3 Players
• Noise Canceling Headphones
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
SW Voltage
VIN
-0.3~6
V
EN, FB, OUT Voltage
-0.3~6
V
Junction to Ambient Thermal Resistance
190
OC/ W
Maximum Power Dissipation
0.45
W
Operating Temperature Range
-40~150
OC
Storage Temperature
-55~150
OC


Similar Part No. - ACE708

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE708BN+H ACE-ACE708BN+H Datasheet
881Kb / 8P
300mA Iout, 0.85V startup, 1.2MHz, Synchronous Boost Converter
VER 1.4
ACE708C ACE-ACE708C Datasheet
946Kb / 8P
0.85V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.2
ACE708 ACE-ACE708_12 Datasheet
881Kb / 8P
300mA Iout, 0.85V startup, 1.2MHz, Synchronous Boost Converter
VER 1.4
More results

Similar Description - ACE708

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8542B BELLING-BL8542B Datasheet
535Kb / 6P
0.85V startup, 1MHz, 300mA Iout, Synchronous Boost Converter
logo
ACE Technology Co., LTD...
ACE708 ACE-ACE708_12 Datasheet
881Kb / 8P
300mA Iout, 0.85V startup, 1.2MHz, Synchronous Boost Converter
VER 1.4
ACE708C ACE-ACE708C Datasheet
946Kb / 8P
0.85V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.2
ACE707C ACE-ACE707C Datasheet
401Kb / 9P
0.9 V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.1
ACE709G ACE-ACE709G Datasheet
687Kb / 11P
0.85V Startup Voltage, Synchronous Step-Up Converter
VER 1.1
logo
Seaward Electronics Inc...
SE3609 SEAWARD-SE3609 Datasheet
292Kb / 8P
1MHz/1.2A Synchronous Boost Converter
logo
SHANGHAI BELLING CO., L...
BL8536 BELLING-BL8536 Datasheet
781Kb / 6P
0.9V Startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1017 ETA-ETA1017 Datasheet
118Kb / 1P
10關A IQ, 0.85V Startup, 1MHz, 300mA IOUT Synchronous Step-Up DC-DC
logo
Shenzhen Huazhimei Semi...
HM6310 HMSEMI-HM6310 Datasheet
499Kb / 6P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter
logo
AiT Semiconductor Inc.
A7534 AITSEMI-A7534 Datasheet
649Kb / 9P
DC-DC CONVERTER BOOST (STEP-UP) 0.9V STARTUP, 1MHz, 300mA IOUT, LOW IQ, SYNCHRONOUS
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com