Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE708 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE708
Description  300mA Iout, 0.85V startup, 1MHz, Synchronous Boost Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE708 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE708 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE708 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
 
                                                                                                                      
ACE708
                        Technology
300mA Iout, 0.85V startup, 1MHz, Synchronous Boost Converter
VER 1.2
4
Electrical Characteristics
Test condition: Vin=1.8V, Vout=3.3V, TA=25
OC, unless otherwise specified.
Parameter
Test Conditions
Min
Typ
Max
Unit
Minimum Input Voltage
0.7
V 
Startup Voltage
0.85
1.1
V 
Dropout Voltage, Vout≧2.8V
FB=OUT
3.3
V 
FB=G
5
V 
FB Feedback Voltage
Vout=2.5 to 5V
0.6
V 
FB Input Current
50
nA
Output Voltage Range
External divider
25
5
V
Quiescent Current at OUT
VFB=0.7V
25
uA
Shutdown Supply Current at OUT
EN=G
0.1
1
uA
NMOS Switch On Resistance
Isw=100mA
0.3
Ω 
PMOS Switch On Resistance
Isw=100mA
0.7
Ω 
NMOS Switch Current Limit
1
A
SW Leakage Current
Vout=5.5V, Vsw=0 or 5.5V, EN=G
1
uA 
EN Input Current
1
uA 
EN Input Voltage for “Low”
0.3
V 
EN Input Voltage for “High”
0.6
V 
Typical Application Circuit
SW
ACE708
OUT
EN
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com