Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5372 Datasheet(PDF) 18 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 18 Page - ACE Technology Co., LTD.

Back Button ACE5372 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 16Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 17Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 18Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 19Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 20Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 21Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 22Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
 
                                                                                                                  
ACE5372
                        Technology
Low Power Real-Time Clock (RTC)
VER 1.2
18
III) The third method to reading data from the internal register is to start reading immediately after writing
to the slave address(0110010) and the (R/
⎯W) bit. Since the internal address pointer is set to Fh by
default , this method is only effective when reading is started from the internal address Fh.
Example 3 of data read (when data is read from internal address Fh to 3h).
Data Transmission Under Special Condition
The ACE5372 hold the clock tentatively for duration from start condition to stop condition to avoid invalid
read or write clock on carrying clock. To prevent invalid read or write clock shall be made during one
transmission operation. When 0.5 to 1.0 seconds elapses after start condition any access to the ACE5372
is automatically released to release tentative hold of the clock and access from the CPU is forced to be
terminated (automatic resume function from the interface).
Also a second start condition after the first condition and before the stop condition is regarded as the
“repeated start condition”. Therefore, when 0.5 to 1.0 seconds passed after the first start condition,
access to the ACE5372 is automatically released.
The user shall always be able to access the real-time clock as long as the following two conditions are
met.
1) No stop condition shall be generated until clock read/write is started and completed.
2) One cycle read/write operation shall be completed within 0.5 seconds.
Bad example of reading from seconds to hours (invalid read)
(Start condition) → (Read of seconds) → (Read of minutes) → (Stop condition) → (Start condition) →
(Read of hour) → (Stop condition)
Assuming read was started at 09:59:59PM, and while reading seconds and minutes the time
advanced to 10:00:00 PM. At this time second digit is hold so the read as 59:59. ACE5372
confirms (Stop condition) and carry second digit being hold and the time changes to 10:00:00 PM.
Then, when the hour digit is read, it changes to 10. The wrong results of 10:59:59 will be read.
Configuration of Oscillating Circuit and Time Trimming Circuit
a)In general crystal oscillators are classified by their central frequency of CL (load capacitance) and
available further grouped in several ranks as ±10,±20 and ±50ppm of fluctuations in precision.
b)The fluctuation of IC circuit frequency is ±5~10ppm at room temperature.
c)Here, the clock accuracy at room temperature varies along with the variation of the characteristic of
crystal oscillator.
CPU to ACE5372
ACE5372 to CPU
Acknowledge signal
Start signal
Stop signal
Repeat Start signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com