Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5372 Datasheet(PDF) 16 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 16 Page - ACE Technology Co., LTD.

Back Button ACE5372 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 16Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 17Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 18Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 19Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 20Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
 
                                                                                                                  
ACE5372
                        Technology
Low Power Real-Time Clock (RTC)
VER 1.2
16
When the transmission direction is to be changed during transmission
Data Transmission Write Format in the ACE5372
A) First send 7 address bit(0110010), the eighth bit is write command “0”.
B) When the ninth bit is ACK signal, ACE5372 is under writing condition.
C)In the following byte, the high 4 bits are determined as internal address in ACE5372(0H-FH), the low 4
bits are transmission model.
D)After another bit’s ACK signal, it starts writing data normally.
E)After writing 1 byte data, there will be 1 bit ACK signal and then writing data in next 1 byte starts. Only
when there is a stop signal in the bit after ACK signal, can the writing operation be stopped.
Example of data writing (When writing to internal address 4H to 5H)
Data Transmission Read Format in the ACE5372
The ACE5372 allows the following three readout methods of data from an internal register.
I) The first method to reading data from the named internal address
A)The first three steps are the same as write model
B)After one bit ACK signal, a new start signal will be produced to change the direction of data
transmission in INTERFACE connection.
C)Then send 7 address bit(0110010), the eighth bit command is “1”, ACE5372 is under data reading
condition.
D) After another bit’s ACK signal, it starts reading data normally.
CPU to ACE5372
ACE5372 to CPU
Acknowledge signal
Start condition
Stop condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com