Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5372 Datasheet(PDF) 23 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 23 Page - ACE Technology Co., LTD.

Back Button ACE5372 Datasheet HTML 19Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 20Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 21Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 22Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 23Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 24Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 25Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 26Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 27Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
 
                                                                                                                  
ACE5372
                        Technology
Low Power Real-Time Clock (RTC)
VER 1.2
23
Level mode: Frequency in one second may change in the maximum range of ±3.784ms
(±3.875ms when 32KHz crystal is used).
Relation Between Mode Waveforms and CRFG Bit
Pulse mode
Level mode
32Khz Clock Output
The crystal oscillator can generate clock pulses of 32KHz from the
⎯INTRB pin. The pin is changed to
“H” by setting the
⎯CLEN bit to “1”.
* 32KHz clock pulse output will not be affected from settings in the clock adjustment register.
When power ON (XSTP=1), 32KHz clock pulses are output from the
⎯INTRB pin.
Oscillator Halt Sensing
Oscillation halt can be sensed through monitoring the XSTP bit with preceding setting of the XSTP bit to
“0” by writing data to the control register 2.Upon oscillator halt sending, the XSTP bit is switched from 0 to
1. This function can be applied to judge clock data validity. When the XSTP bit is “1”,
⎯XSL,
F6 to F0, CT2, CT1, CT0, AALE, BALE, SL2, SL1,
⎯CLEN and TEST bits are reset to “0”.
*1)The XSTP bit is set to “1” upon power-on from 0V. Note that any instantaneous power disconnection
may cause operation failure.
*2)Once oscillation halt has been sensed, the XSTP bit is held at “1” even if oscillation is restarted.
Ensure error-free oscillation half sensing by preventing the following events:
1) Instantaneous disconnection of VDD
2) Condensation on the crystal oscillator
3) Generation of noise on the PCB in the crystal oscillator
4) Application of voltage exceeding prescribed maximum ratings to the individual pins of the IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com