Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129A Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCF2129A
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCF2129A Datasheet HTML 45Page - NXP Semiconductors PCF2129A Datasheet HTML 46Page - NXP Semiconductors PCF2129A Datasheet HTML 47Page - NXP Semiconductors PCF2129A Datasheet HTML 48Page - NXP Semiconductors PCF2129A Datasheet HTML 49Page - NXP Semiconductors PCF2129A Datasheet HTML 50Page - NXP Semiconductors PCF2129A Datasheet HTML 51Page - NXP Semiconductors PCF2129A Datasheet HTML 52Page - NXP Semiconductors PCF2129A Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
49 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
The R/W bit defines the direction of the following single or multiple byte data transfer (read
is logic 1, write is logic 0).
For the format and the timing of the START condition (S), the STOP condition (P), and the
acknowledge bit (A) refer to the I2C-bus specification Ref. 13 “UM10204” and the
characteristics table (Table 55). In the write mode a data transfer is terminated by sending
either a STOP condition or the START condition of the next data transfer.
Table 50.
I2C slave address byte
Slave address
Bit
7
6
5
4
3
2
1
0
MSB
LSB
10
10
00
1R/W
Fig 35. Bus protocol, writing to registers
001aaj723
S
1
0
1
slave address
register address
00h to 1Dh
0 to n
data bytes
write bit
START/
STOP
acknowledge
from PCF2129A
acknowledge
from PCF2129A
acknowledge
from PCF2129A
0
0
0
1
0
A
A
A
P/S
Fig 36. Bus protocol, reading from registers
001aaj724
S
1
0
1
slave address
0 to n data bytes
DATA BYTE
LAST DATA BYTE
read bit
acknowledge
from PCF2129A
acknowledge
from master
no acknowledge
0
0
0
1
1
A
A
S
1
0
1
slave address
register address
00h to 1Dh
set register
address
read register
data
write bit
STOP
acknowledge
from PCF2129A
acknowledge
from PCF2129A
0
0
0
1
0
A
A
P
A
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com