Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129A Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF2129A
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF2129A Datasheet HTML 12Page - NXP Semiconductors PCF2129A Datasheet HTML 13Page - NXP Semiconductors PCF2129A Datasheet HTML 14Page - NXP Semiconductors PCF2129A Datasheet HTML 15Page - NXP Semiconductors PCF2129A Datasheet HTML 16Page - NXP Semiconductors PCF2129A Datasheet HTML 17Page - NXP Semiconductors PCF2129A Datasheet HTML 18Page - NXP Semiconductors PCF2129A Datasheet HTML 19Page - NXP Semiconductors PCF2129A Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
16 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
The direct switching mode is useful in systems where VDD is higher than VBAT at all times.
The direct switching mode is not recommended if the VDD and VBAT values are similar
(e.g. VDD = 3.3 V, VBAT ≥ 3.0 V). In direct switching mode the power consumption is
reduced compared to the standard mode because the monitoring of VDD and Vth(sw)bat is
not performed.
8.5.1.3
Battery switch-over disabled: only one power supply (VDD)
When the battery switch-over function is disabled:
• The power supply is applied on the VDD pin
• The VBAT pin must be connected to ground
• The internal power supply, available at the output pin BBS, is equal to VDD
• The battery flag (BF) is always logic 0
8.5.1.4
Battery switch-over architecture
The architecture of the battery switch-over circuit is shown in Figure 6.
Fig 5.
Battery switch-over behavior in direct switching mode with bit BIE logic 1
(enabled)
001aaj312
internal power supply (= VBBS)
cleared via interface
backup battery operation
BF
Vth(sw)bat
(= 2.5 V)
VDD (= 0 V)
VBAT
VDD
VBBS
VBBS
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com