Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129A Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PCF2129A
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PCF2129A Datasheet HTML 51Page - NXP Semiconductors PCF2129A Datasheet HTML 52Page - NXP Semiconductors PCF2129A Datasheet HTML 53Page - NXP Semiconductors PCF2129A Datasheet HTML 54Page - NXP Semiconductors PCF2129A Datasheet HTML 55Page - NXP Semiconductors PCF2129A Datasheet HTML 56Page - NXP Semiconductors PCF2129A Datasheet HTML 57Page - NXP Semiconductors PCF2129A Datasheet HTML 58Page - NXP Semiconductors PCF2129A Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
55 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
12.2 Frequency characteristics
[1]
±1 ppm corresponds to a time deviation of ±0.0864 seconds per day.
[2]
Not production tested. Effects of reflow solder not included (see Ref. 3 “AN10857”).
Table 53.
Frequency characteristics
VDD = 1.8 V to 4.2 V; VSS =0V; Tamb =+25 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fo
output frequency
on pin CLKOUT;
VDD or VBAT = 3.3 V;
COF[2:0] = 000;
AO[3:0] = 1000
-
32.768
-
kHz
Δf/f
frequency stability
VDD or VBAT = 3.3 V
Tamb = −15 °C to +60 °C
[1] -
±3
±5ppm
Tamb = −25 °Cto −15 °C
and
Tamb =+60 °Cto+65 °C
[1] -
±5
±10
ppm
Δf
xtal/fxtal
relative crystal frequency variation
crystal aging, first year;
VDD or VBAT = 3.3 V
[2] --
±3ppm
Δf/ΔV
frequency variation with voltage
on pin CLKOUT
-
±1-
ppm/V
(1) Temperature compensated frequency.
(2) Uncompensated typical tuning-fork crystal frequency.
Fig 40. Characteristic of frequency with respect to temperature
Temperature (
°C)
−40
100
60
080
40
−20
20
001aaj650
−40
0
40
Frequency
stability
(ppm)
−80
± 10 ppm
± 5 ppm
± 10 ppm
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com