Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8024 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8024
Description  IC card interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8024 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8024 Datasheet HTML 17Page - NXP Semiconductors TDA8024 Datasheet HTML 18Page - NXP Semiconductors TDA8024 Datasheet HTML 19Page - NXP Semiconductors TDA8024 Datasheet HTML 20Page - NXP Semiconductors TDA8024 Datasheet HTML 21Page - NXP Semiconductors TDA8024 Datasheet HTML 22Page - NXP Semiconductors TDA8024 Datasheet HTML 23Page - NXP Semiconductors TDA8024 Datasheet HTML 24Page - NXP Semiconductors TDA8024 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
2004 July 12
21
Philips Semiconductors
Product specification
IC card interface
TDA8024
tf
fall time
CL = 30 pF; note 5
−−
16
ns
δ
duty factor (except for
fXTAL)
CL = 30 pF; note 5
45
−
55
%
SR
slew rate
slew up or down; CL = 30 pF
0.2
−−
V/ns
Control inputs (pins CLKDIV1, CLKDIV2, CMDVCC, RSTIN and 5V/3V); note 6
VIL
LOW-level input voltage
−0.3
−
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−
VDD + 0.3 V
ILIL
LOW-level input leakage
current
0<VIL <VDD
−−
1
µA
ILIH
HIGH-level input leakage
current
0<VIH <VDD
−−
1
µA
Card presence inputs (pins PRES and PRES); note 7
VIL
LOW-level input voltage
−0.3
−
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−
VDD + 0.3 V
ILIL
LOW-level input leakage
current
0<VIL <VDD
−−
5
µA
ILIH
HIGH-level input leakage
current
0<VIH <VDD
−−
5
µA
Interrupt output (pin OFF; NMOS drain with integrated 20 k
Ω pull-up resistor to VDD)
VOL
LOW-level output voltage
IOL = 2 mA
0
−
0.3
V
VOH
HIGH-level output voltage
IOH = −15 µA
0.75VDD
−−
V
Rpu
integrated pull-up resistor
20 k
Ω pull-up resistor to VDD
16
20
24
k
Ω
Protection and limitation
ICC(sd)
shutdown and limitation
current pin VCC
−
130
150
mA
II/O(lim)
limitation current pins I/O,
AUX1 and AUX2
−15
−
+15
mA
ICLK(lim)
limitation current pin CLK
−70
−
+70
mA
IRST(lim)
limitation current pin RST
−20
−
+20
mA
Tsd
shut-down temperature
−
150
−°C
Timing
tact
activation time
see Fig.7
50
−
220
µs
tde
deactivation time
see Fig.8
50
80
100
µs
t3
start of the window for
sending CLK to the card
see Fig.7
50
−
130
µs
t5
end of the window for
sending CLK to the card
see Fig.7
140
−
220
µs
tdebounce
debounce time pins PRES
and PRES
see Fig.10
5
8
11
ms
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com