Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8024 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8024
Description  IC card interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8024 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8024 Datasheet HTML 5Page - NXP Semiconductors TDA8024 Datasheet HTML 6Page - NXP Semiconductors TDA8024 Datasheet HTML 7Page - NXP Semiconductors TDA8024 Datasheet HTML 8Page - NXP Semiconductors TDA8024 Datasheet HTML 9Page - NXP Semiconductors TDA8024 Datasheet HTML 10Page - NXP Semiconductors TDA8024 Datasheet HTML 11Page - NXP Semiconductors TDA8024 Datasheet HTML 12Page - NXP Semiconductors TDA8024 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
2004 July 12
9
Philips Semiconductors
Product specification
IC card interface
TDA8024
8.2.2
WITH AN EXTERNAL DIVIDER ON PIN PORADJ (NOT
FOR THE
TDA8024AT)
If an external resistor bridge is connected to pin PORADJ
(R1 and R2 in Fig.1), then the following occurs:
• The internal threshold voltage Vth2 is overridden by the
external voltage and by the hysteresis, therefore:
where Vbridge = 1.25 V typ. and Vhys(ext) = 60 mV typ.
• The reset pulse width tW is doubled to approximately
16 ms.
Input PORADJ is biased internally with a pull-down current
source of 4
µA which is removed when the voltage on
pin PORADJ exceeds 1 V. This ensures that after
detection of the external bridge by the IC during power-on,
the input current on pin PORADJ does not cause
inaccuracy of the bridge voltage.
The minimum threshold voltage should be higher than 2 V.
The maximum threshold voltage may be up to VDD.
8.2.3
APPLICATION EXAMPLES
The voltage supervisor is used as Power-on reset and as
supply dropout detection during a card session.
Supply dropout detection is to ensure that a proper
deactivation sequence is followed before the voltage is too
low.
For the internal voltage supervisor to function, the system
microcontroller should operate down to 2.35 V to ensure a
proper deactivation sequence. If this is not possible,
external resistor values can be chosen to overcome the
problem.
8.2.3.1
Microcontroller requiring a 3.3 V
±20% supply
For a microcontroller supplied by 3.3 V with a
±5%
regulator and with resistors R1, R2 having a
±1%
tolerance, the minimum supply voltage is 3.135 V.
VPORADJ =k × VDD, where
with S1 and S2
the actual values of nominal resistors R1 and R2.
This can be shown as
0.99
× R1 < S1 < 1.01 × R1 and
0.99
× R2 < S2 < 1.01 × R2
Transposed, this becomes
If V1 = Vth(ext)(rise)(max) and V2 = Vth(ext)(fall)(min)
activation will always be possible if VPORADJ >V1
and deactivation will always be done for VPORADJ < V2.
Activation is always possible for
and deactivation is always possible for
.
That is V1 = 1.31 V and V2 = 1.19 V
and
Suppose R1 + R2 = 100 k
Ω, then
= 42.3 k
Ω and R1 = 57.7 kΩ.
Deactivation will be effective at
V2
× (1 + 1.02 × 1.365) = 2.847 V in any case.
If the microcontroller continues to function down to 2.80 V,
the slew rate on VDD should be less than 2 V/ms to ensure
that clock CLK is correctly delivered to the card until
time t12 (see Fig.9).
8.2.3.2
Microcontroller requiring a 3.3 V
±10% supply
For a microcontroller supplied by a 3.3 V with a
±1%
regulator and with resistors R1, R2 having a
±0.1%
tolerance, the minimum supply voltage is 3.267 V.
The same calculations as in Section 8.2.3.1 conclude:
Therefore
= 40.14 k
Ω and R1 = 59.86 kΩ.
Deactivation will be effective at
V2
× (1 + 1.002 × 1.491) = 2.967 V in any case.
If the microcontroller continues to function down to 2.97 V,
the slew rate on VDD should be less than 0.20 V/ms to
ensure that clock CLK is correctly delivered to the card
until time t12 (see Fig.9).
V
th2(ext)(rise)
1
R1
R2
-------
+


V
bridge
V
hys(ext)
2
--------------------
+


×
=
V
th2(ext)(fall)
1
R1
R2
-------
+


V
bridge
V
hys(ext)
2
--------------------
–


×
=
k
S1
S1
S2
+
---------------------
=
1
0.98
R1
R2
-------
×


+
1
0.99
1.01
-----------

 R1
R2
--------
1
k
---
<
×
+
=
1
k
---
1
1.01
0.99
-----------

 R1
R2
-------
×
+
<
1
1.02
R1
R2
-------
×


+
=
V
DD
V1
k
-------
>
V
DD
V2
k
-------
<
R1
R2
-------
3.135
1.31
---------------
1
–

 0.98
×
1.365
=
<
R2
100 k
Ω
2.365
-------------------
=
R1
R2
-------
3.267
1.310
---------------
1
–

 0.998
×
1.491
=
<
R2
100 k
Ω
2.49
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com