Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8024 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8024
Description  IC card interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8024 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8024 Datasheet HTML 1Page - NXP Semiconductors TDA8024 Datasheet HTML 2Page - NXP Semiconductors TDA8024 Datasheet HTML 3Page - NXP Semiconductors TDA8024 Datasheet HTML 4Page - NXP Semiconductors TDA8024 Datasheet HTML 5Page - NXP Semiconductors TDA8024 Datasheet HTML 6Page - NXP Semiconductors TDA8024 Datasheet HTML 7Page - NXP Semiconductors TDA8024 Datasheet HTML 8Page - NXP Semiconductors TDA8024 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
2004 July 12
4
Philips Semiconductors
Product specification
IC card interface
TDA8024
5
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Power supplies
VDD
supply voltage
2.7
−
6.5
V
VDDP
DC/DC converter supply
voltage
VCC =5V; ICC < 80 mA
4.0
5.0
6.5
V
VCC =5V; ICC < 20 mA
3.0
−
6.5
V
IDD
supply current
VDD = 3.3 V; fXTAL = 10 MHz
card inactive
−−
1.2
mA
card active; fCLK =fXTAL;
CL =30pF
−−
1.5
mA
IDDP
DC/DC converter supply
current
VDDP =5V; fXTAL = 10 MHz
inactive mode
−−
0.1
mA
active mode; fCLK =fXTAL;
CL = 30 pF; ICC =0
−−
10
mA
Card supply
VCC
card supply voltage (including
ripple voltage)
5 V card
card active;
ICC <80mADC
4.75
5.0
5.25
V
card active; current pulses
Ip = 40 nAs
4.65
5.0
5.25
V
3 V card
card active;
ICC <65mADC
2.85
3.0
3.15
V
card active; current pulses
Ip = 40 nAs
2.76
3.0
3.20
V
VCC(ripple)(p-p)
ripple voltage on VCC
(peak-to-peak value)
fripple = 20 kHz to 200 MHz
−−
350
mV
ICC
card supply current
VCC =0to 5V
−−
80
mA
VCC =0to 3V
−−
65
mA
General
tde
deactivation time
50
80
100
µs
Ptot
total power dissipation
continuous operation;
Tamb = −25 to +85 °C
−−
0.56
W
Tamb
ambient temperature
−25
−
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com