Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDE Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCDE
Description  Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick?? xD-Picture Card??
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCDE Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCDE Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCDE Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCDE Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
41
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
Combine Type Connector(for SD Memory Card, MultiMediaCard™, Memory Stick™, xD-Picure Card™) SCDE Series
PC board mounting hole dimensions
(Viewed from the mounting face side)
2
10
10.475
33.25
9.3
9.2
13.95
8.65
27(P1.5
×18)
15(P1
×15)
19-0.6
7.5
27
13.025
ø2
6.65
29.7
8.35
19-1.1
10.475
(hole)
(hole)
Land
No pattern area
ø1.55
0.95
1.5
0.65
0.75
5.7
7.255
6.275
7.525
8.475
6.65
1.1
14
14
2.25
No pattern area
No pattern exposure area
2.25
0.95
14.1
14.1
4.5
6
ø1.7
hole
ø1.5hole
ø3.5
Unit:mm
No.
Style
Dimensions
1
Card center
Connector center
4.5
27
31
ø1.5
SD No.6
MS No.3
MS No.4
SD No.5
MS No.2
Ground
SD No.4
MS No.5
SD No.8
MS No.!0
SD No.7
MS No.8
(for SD)
WP switch
xD No.!7
MS No.7
xD No.!5
xD No.!6
xD No.7
SD No.9
xD No.8
xD No.5
xD No.0 (CD for xD)
xD No.6
xD No.2
xD No.3
SD No.3
xD No.4
xD No.9
xD No.!3
xD No.!4
SD No.2
SD No.1
MS No.9
xD No.!2
xD No.!1
MS No.6
xD No.!0
xD No.1
MS No.1
xD No.!8
Locked
position
Eject
position
Common
(for SD)
CD switch
(for SD)
0.975
0.2
4.9
5.1
4.6
15.85
15.85
23.6
30.5
28
MS, SD card center
2-
φ1.3
Connector
center
On the card entry side, the metal exposed part
is connected to terminal No.9 of the xD card.
SD No.2
SD No.9
SD No.1
SD No.3
SD No.4
MS No.8
MS No.9
MS No.7
MS No.!0
MS No.6
MS No.3
MS No.2
MS No.4
MS No.1
MS No.5
SD No.8
SD No.7
(Dummy)
SD No.6
(Dummy)
SD No.5
CD Switch(for SD)
Common(for SD)
WP Switch
(for SD)
GND
xD No.1
xD No.0
xD No.2
xD No.3
xD No.6
xD No.7
xD No.8
xD No.9
(GND for xD)
xD No.4
xD No.5
xD No.!8
xD No.!7
xD No.!6
xD No.!5
xD No.!3
xD No.!2
xD No.!1
xD No.!0
xD No.!4
xD card center
(Dummy)
(Dummy)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com