Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDE Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SCDE
Description  Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick?? xD-Picture Card??
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCDE Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SCDE Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCDE Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCDE Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
50
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
Soldering Conditions
Example of Reflow Soldering Condition
(Reference)
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple 0.1 to 0.2
φ CA(K)or CC(T).
3. Temperature profile
(Surface of products).
200
100
240
℃(max.)
230
℃(min.)
150
℃
180
℃
Time (s)
10 sec.(max.)
90
±30 sec.
Room
temperature
Pre-heating
Heating time
sec.
1. When soldering terminals, there is a danger that load placed on the terminals may cause rattle, deformation or
electrical degradation to occur depending on the conditions. Caution is therefore required.
2. Avoid use of water-soluble soldering flux, since it may corrode the product.
3. Check and conform to reflow soldering requirements under actual mass production conditions.
4. PC board warping may alter the characteristics. Please take this into consideration when designing patterns and
layout.
5. The card specifications are provided by the above manufactures. Products by other manufactures may not be
compliant with these specifications and are subject to change without prior notice.
Cautions for using this product
Small Memory Card Connectors



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com