Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDE Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SCDE
Description  Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick?? xD-Picture Card??
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCDE Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SCDE Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCDE Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCDE Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
40
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
Push-in push-out eject mechanism applicable to four media types.
Applicable to four memory card standards - SD Memory
Card, MultiMediaCard
TM, Memory StickTM and xD-Picture
Card
TM.
Push-push ejection mechanism applied in both card types.
Same insertion and ejection position applied for both cards.
●
●
●
Features
For desktop PCs, notebook PCs, various personal digital
assistants, digital still cameras, digital camcorders, facsimile
machines and printers.
For home audio equipment (TVs and set top boxes)
For audio systems
For headphone players
●
●
●
●
Applications
Typical Specifications
Product Line
Memory Stick
TM
Standard mount / Reverse mount
Surface mounting type
Push-push type
500V AC 1minute
(SCDE1), 250V AC 1minute(SCDE2)
Applicable media
Structure
Items
Specifications
Media ejection
structure
Mounting type
Mounting style
−10℃ to +60℃
1,000M
Ω min.
100m
Ω max.(SCDE1), 150mΩ max.(SCDE2)
500m
Ω max.(SCDE1), 600mΩ max.(SCDE2)
10,000cycles
(SD Memory Card, xD-Picture Card
TM)
12,000cycles
(Memory Stick
TM)
SD Memory Card
MultiMediaCard™
xD-Picture Card
TM
Operating temperature
range
Performance
Contact
resistance
(Initial)
Connector
contacts
Detection
switch
Insertion and
removal cycle
Voltage proof
Insulation
resistance
(Initial)
Standard mount
Reverse mount
Media ejection structure
Push-push type
Mounting system
Stand-off
(mm)
0
Product No.
SCDE1C0200
SCDE2B0100
Drawing
No.
1
2
Packing system
Tray
Combine Type Connector (for SD Memory Card, MultiMediaCard™, Memory Stick™, xD-Picture Card™)
SCDE Series


Similar Part No. - SCDE

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SCD GAMEWELL-FCI-SCD Datasheet
74Kb / 2P
Signal Control Element
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
SMD Unshielded Power Inductors
logo
Cornell Dubilier Electr...
SCD CDE-SCD Datasheet
104Kb / 4P
High dV/dt Direct Mount IGBT Snubber
logo
Eravant
SCD-0130432020-SF-SC ERAVANT-SCD-0130432020-SF-SC Datasheet
380Kb / 3P
Coaxial Directional Coupler, 1 to 4 GHz, 20 dB Coupling Level
Rev 1.0
SCD-0134031010-KF-SA ERAVANT-SCD-0134031010-KF-SA Datasheet
370Kb / 3P
Coaxial Directional Coupler, 1 to 40 GHz, 10 dB Coupling Level
Rev 1.3
More results

Similar Description - SCDE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
logo
ITT Industries
CCM05-5782T50 ITT-CCM05-5782T50 Datasheet
93Kb / 2P
xD-Picture Card Connector
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
Memory Stick & Memory Stick Duo
logo
Texas Instruments
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406_07 Datasheet
2Mb / 43P
MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
logo
ALPS ELECTRIC CO.,LTD.
SCDA ALPS-SCDA Datasheet
2Mb / 7P
Connector for SD Memory Card
SCDB ALPS-SCDB Datasheet
136Kb / 3P
Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick??
logo
Texas Instruments
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406_10 Datasheet
2Mb / 45P
MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
AVCE6467T TI1-AVCE6467T Datasheet
2Mb / 44P
MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com