Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKHJ Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHJ
Description  8mm Square LED Built-in (Snap-in Type)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHJ Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKHJ Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHJ Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHJ Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHJ Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKHJ Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TACT Switch
TM
264
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Without LED type
With LED type
12
34
12
34
56
Circuit Diagram
Please use 1.6mm thick PC boards.
Note
8mm Square LED Built-in (Snap-in Type)
SKHJ Series
TACT Switch
TM
Dimensions
1
2
No.
Style
Unit:mm
Without LED type
PC board mounting hole dimensions
(Viewed from switch mounting face)
□
8
1
2
3
4
5
7.5
4.6
0.7
0.7
Frame
4-ø1 holes
7.5
6-ø1 holes
7.5
□
8
5
0.5
7.5
4.6
0.2
0.7
0.2
0.7
7
1
2
3
4
5
6
Frame
Photo
With LED type



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com