Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKHJ Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHJ
Description  8mm Square LED Built-in (Snap-in Type)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHJ Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKHJ Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHJ Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHJ Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHJ Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKHJ Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
263
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Refer to P.306 for soldering conditions.
Refer to
P.308 for standard knobs.
SKHJAAA010
SKHJABA010
SKHJACA010
SKHJFAA010
SKHJFBA010
SKHJFCA010
SKHJFGA010
SKHJFHA010
SKHJFDA010
SKHJFEA010
SKHJFFA010
SKHJGRA010
SKHJGSA010
SKHJGEA010
SKHJGFA010
SKHJGGA010
0.98N
0.98N
1.57N
1.57N
2.55N
2.55N
Vertical
0.25
50mA
12V DC
1,000,000cycles
1,000,000
cycles
500,000cycles
500,000
cycles
200,000cycles
200,000
cycles
100m
Ω max.
1,000
1
Black
Gray
Brown
Black
Gray
Brown
Red
Red
Red
Pure green
Pure green
Pure green
Amber
Amber
Amber
Product No.
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Minimum order
unit
(pcs.)
Frame
color
LED
color
0.25
50mA
12V DC
Rating
(min.)
10
BA
1V DC
100m
Ω max.
1,000
Operating
force
Travel
(mm)
Rating
(max.)
10
BA
1V DC
Rating
(min.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Minimum order
unit
(pcs.)
Frame
color
Product No.
Orange
(High brightness)
Green
(High brightness)
Green
(High brightness)
Orange
(High brightness)
Drawing
No.
Drawing
No.
Operating
direction
Operating
direction
Vertical
2
Product Line
Without LED Type
With LED Type
8mm Square LED Built-in (Snap-in Type)
SKHJ Series
LED built-in type with a good reputation for wider color varieties.
TACT Switch
TM
Red
Pure green
Amber
Orange
(High brightness)
Green
(High brightness)
40
80
15
4
3
4
5 max.
10 max.
700 TYP
555 TYP
590 TYP
630 TYP
565 TYP
100 TYP
20 TYP
30 TYP
40 TYP
30 TYP
0.4min.
1.0 TYP
0.4min.
1.0 TYP
1.5min.
4.0 TYP
2.0min.
5.0 TYP
0.8min.
2.0 TYP
2.7 max.
2.05TYP
2.7 max.
2.0 TYP
2.7 max.
2.05TYP
Specifications of LED
(SKHJ)
Color of
illumination
Power
dissipation
P
(mW)
Forward pulse
peak current
IFP
(mA)
Forward
current
IFDC
(mA)
Reverse
voltage
VR
(V)
Forward
voltage
VF
(V)
IF=10mA
Reverse
current
IR
(
BA)
VR=4V
Peak
emission
wave length
λpeak
(nm)
IF=10mA
Spectral
line half
width
Δλ
(nm)
IF=10mA
Luminous
intensity
IV
(mcd)
IF=10mA


Similar Part No. - SKHJ

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SKH HAMMOND-SKH Datasheet
65Kb / 2P
Humidostat mecanique
logo
TE Connectivity Ltd
SKH TEC-SKH Datasheet
527Kb / 8P
Cable Actuated Sensor CANOpen Output Signal
logo
PATLITE CORPORATION.
SKH-100EA PATLITE-SKH-100EA Datasheet
337Kb / 2P
Upright
Rev. J
SKH-100EA-B PATLITE-SKH-100EA-B Datasheet
337Kb / 2P
Upright
Rev. J
SKH-100EA-G PATLITE-SKH-100EA-G Datasheet
337Kb / 2P
Upright
Rev. J
More results

Similar Description - SKHJ

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKEG ALPS-SKEG Datasheet
247Kb / 5P
6mm Square(Snap-in Type)
SKEY ALPS-SKEY Datasheet
191Kb / 3P
7.8mm Square(Snap-in Type)
SKHC ALPS-SKHC Datasheet
252Kb / 5P
12mm Square(Snap-in Type)
SKHH ALPS-SKHH Datasheet
291Kb / 7P
6mm Square (Snap-in Type)
SKHR ALPS-SKHR Datasheet
191Kb / 3P
4.5mm Square Compact (Snap-in Type)
SKQJ ALPS-SKQJ Datasheet
250Kb / 4P
6.6mm Square(Snap-in Type)
SKEG ALPS-SKEG_15 Datasheet
838Kb / 4P
6mm Square (Snap-in Type)
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
12mm Square (Snap-in Type)
SKHH ALPS-SKHH_15 Datasheet
993Kb / 7P
6mm Square (Snap-in Type)
SKQJ ALPS-SKQJ_15 Datasheet
965Kb / 5P
6.6mm Square (Snap-in Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com