Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKHJ Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHJ
Description  8mm Square LED Built-in (Snap-in Type)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHJ Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SKHJ Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHJ Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHJ Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHJ Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKHJ Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TACT Switch
TM
247
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
TACT Switch
TM
List of Varieties
Sharp Feeling Type
Snap–in
Type
Dimensions
(mm)
W
D
H
1N
5N
Operation
force
coverage
Page
Features
Photo
Ground terminal
SKHR
□4.5
3.8
252
●
―
―
SKHL
6
3.5
4.3
253
●
SKHH
□6
255
●
●
SKHW
259
●
―
Dust–proof
type
SKRD
6.2
7.15
7.4
260
―
Horizontal
type
SKQJ
□6.6
5
261
●
―
SKHL
7.3
7.22
4.3
253
―
●
Horizontal type
SKHH
7.5
7.85
7.4
255
●
SKQJ
7.3
261
―
SKHJ
□8
8.5
263
●
With
LED
SKQB
□10
5
265
●
Water–
proof
Vertical
Horizontal
Series
Operating
temperature
range
ー20℃ to +70℃
SKHJ/HL
(Vertical Type)/QJ
ー30℃ to +85℃
100M
Ω min. 100V DC
250V AC for 1min.
ー30±2℃ for 96h
80
±2℃ for 96h
60
±2℃, 90 to 95%RH for 96h
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2hours respectively
Shall be in accordance with individual specifications.
Insulation
resistance
Voltage
proof
Vibration
Lifetime
Cold
Dry heat
Damp heat
―
●
―
●
●
●
―
● TACT Switch
TM Soldering Conditions ………………………………………………………………………………………306
● TACT Switch
TM Cautions ………………………………………………………………………………………………………307
● Product Line of Knob for TACT Switch
TM ……………………………………………………………………………………308
W
:Width. The most outer dimension excluding terminal portion.
D
:Depth. The most outer dimension excluding terminal portion.
H
:Height. The minimum dimension if there are variances.
The automotive operating temperature range to be individually discussed upon request.
Note



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com