Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKRWADE030 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRWADE030
Description  3.7mm Square Low-profile (Surface Mount Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRWADE030 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKRWADE030 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRWADE030 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRWADE030 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ø0.7 Lever
3.7
3.07
2
1
4
3
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
271
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Product Line
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
1.57N
Product No.
SKRWAEE030
0.15
50mA
12V DC
Rating
(min.)
10
BA
1V DC
500,000cycles
100m
Ω
max.
Operating
direction
Vertical
2.35N
SKRWADE030
50,000cycles
PC board land dimensions
(Viewed from switch mounting face)
Style
2.5
3.7
Dimensions
Unit:mm
Circuit Diagram
13
24
Refer to P.306 for soldering conditions.
3.7mm Square Low-profile (Surface Mount Type)
SKRW Series
Low-profile and compact size of 3.7
G
G3.7G
G0.35mm.
TACT Switch
TM
Specification of Embossed Taping Package (Taping Packaging for Auto-insertion)
Plastic Reel
Reel Size
¿380
13.5
Unit:mm
1. Please place purchase orders for taping products per minimum
order unit (1 reel or a case).
2. For
φ330mm diameter reel requirements, please contact us.
Note
10,000
Minimum order unit
(pcs.)
10,000
100,000
100,000
12
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing


Similar Part No. - SKRWADE030

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRWADE030 ALPS-SKRWADE030 Datasheet
721Kb / 3P
3.7mm Square Low-profile (Surface Mount Type)
More results

Similar Description - SKRWADE030

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECP2SM ECLIPTEK-ECP2SM Datasheet
434Kb / 2P
3.7mm x 12.5mm Plastic Surface Mount Crystal
logo
ALPS ELECTRIC CO.,LTD.
SKQG ALPS-SKQG Datasheet
241Kb / 4P
5.2mm Square Low-profile (Surface Mount Type)
SKQR ALPS-SKQR Datasheet
180Kb / 3P
0.5mm Height Low-profile (Surface Mount Type)
SKRB ALPS-SKRB Datasheet
196Kb / 3P
0.55mm Height Low-profile (Surface Mount Type)
SKRN ALPS-SKRN Datasheet
170Kb / 3P
6mm Square Low-profile Double Action (Surface Mount Type)
logo
TOKO, Inc
DEM3512C TOKO-DEM3512C Datasheet
110Kb / 2P
Low profile (3.5 x 3.7mm square, 1.2 and 1.8mm Max. height).
logo
ALPS ELECTRIC CO.,LTD.
SKQG ALPS-SKQG_15 Datasheet
861Kb / 4P
5.2mm Square Low-profile (Surface Mount Type)
SKRN ALPS-SKRN_15 Datasheet
681Kb / 3P
6mm Square Low-profile Double Action (Surface Mount Type)
SKRW ALPS-SKRW_15 Datasheet
721Kb / 3P
3.7mm Square Low-profile (Surface Mount Type)
SKSH ALPS-SKSH Datasheet
779Kb / 3P
Low-profile (Surface Mount Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com