Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV604PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV604PWPR
Description  DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV604PWPR Datasheet(HTML) 5 Page - Texas Instruments

  DRV604PWPR Datasheet HTML 1Page - Texas Instruments DRV604PWPR Datasheet HTML 2Page - Texas Instruments DRV604PWPR Datasheet HTML 3Page - Texas Instruments DRV604PWPR Datasheet HTML 4Page - Texas Instruments DRV604PWPR Datasheet HTML 5Page - Texas Instruments DRV604PWPR Datasheet HTML 6Page - Texas Instruments DRV604PWPR Datasheet HTML 7Page - Texas Instruments DRV604PWPR Datasheet HTML 8Page - Texas Instruments DRV604PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DRV604
www.ti.com
SLOS659 – JANUARY 2010
ELECTRICAL CHARACTERISTICS
PVDD_LD = PVDD_HP = 3.3 V, RLD = 5 kΩ, RHP = 32 Ω, RFB = 20 kΩ, RIN = 10 kΩ, TA = 25°C, Charge pump: CCP_LD =
CCP_HP = 1.0 µF (unless otherwise noted)
DRV604
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
|Vos|
Output offset voltage
PVDD = 3.3 V
1
mV
PSRR
Power supply rejection ratio
70
80
dB
VOH
High level output voltage
PVDD = 3.3 V
3.1
V
VOL
Low level output voltage
PVDD = 3.3 V
–3.05
V
Vuvp_on
PVDD, undervoltage detection
Internal under-voltage detection.
2.8
V
PVDD, undervoltage detection,
Vuvp_hysteresis
200
mV
hysteresis
Vuvp
External undervoltage detection
1.25
V
External undervoltage detection
IHys
5
µA
hysteresis current
Fcp
Charge pump switching frequency
260
700
kHz
|IIH|
High level input current
PVDD = 3.3 V, VIH = PVDD, EN_HP, EN_LD
1
µA
|IIL|
low level input current
PVDD = 3.3 V, VIL = 0 V, EN_HP, EN_LD
1
µA
Supply current, no load
PVDD, EN_LD, EN_HP = 3.3 V
15
25
35
Supply current, line driver, no load
PVDD, EN_LD = 3.3 V, EN_HP = GND
12
I(PVDD)
mA
Supply current, headphone, no load
PVDD, EN_LD = GND, EN_HP = 3.3 V
13
PVDD = 3.3 V, EN_LD, EN_HP = GND,
Supply current, disabled
2.5
5
Ex_UVP = GND
Tsd
Thermal shutdown
150
°C
Thermal shutdown hysteresis
15
°C
ELECTRICAL CHARACTERISTICS, LINE DRIVER
PVDD_LD = PVDD_HP = 3.3 V, Rload = 5 kΩ, RFB = 20 kΩ, RIN = 10 kΩ, TA = 25°C, Charge pump: CCP_LD = CCP_HP = 1.0 µF
(unless otherwise noted)
DRV604
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
VO
Output voltage, outputs in phase
1% THD+N, f = 1 kHz, 10 k
Ω load
2.1
Vrms
THD+N
Total harmonic distortion plus noise
f = 1 kHz, 10 k
Ω load, VO = 2 Vrms
0.001%
SNR
Signal-to-noise ratio
A-weighted, AES17 filter, 2 Vrms ref
109
dB
DNR
Dynamic range
A-weighted, AES17 filter, 2 Vrms ref
109
dB
Vn
Noise voltage
A-weighted, AES17 filter
7
uV
Slew rate
4.5
V/µS
GBW
Unity gain bandwidth
8
MHz
Crosstalk – Line L-R & R-L
10 k
Ω load, VO = 2 Vrms
-100
dB
Vincm_pos
Positive common-mode input voltage
+2.0
V
Vincm_neg
Negative common-mode input voltage
-3.0
V
Ilimit
Current limit
PVDD = 3.3 V
60
mA
Maximum capacitive load
220
pF
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :DRV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com