Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV604PWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV604PWPR
Description  DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV604PWPR Datasheet(HTML) 3 Page - Texas Instruments

  DRV604PWPR Datasheet HTML 1Page - Texas Instruments DRV604PWPR Datasheet HTML 2Page - Texas Instruments DRV604PWPR Datasheet HTML 3Page - Texas Instruments DRV604PWPR Datasheet HTML 4Page - Texas Instruments DRV604PWPR Datasheet HTML 5Page - Texas Instruments DRV604PWPR Datasheet HTML 6Page - Texas Instruments DRV604PWPR Datasheet HTML 7Page - Texas Instruments DRV604PWPR Datasheet HTML 8Page - Texas Instruments DRV604PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Thermal
Protection
Charge
PumpLD
Enable
ControlHP
Enable
ControlLD
External
UVP
Charge
PumpHP
Click&Pop
Suppression
Internal
UVP
Short-Circuit
Protection
Click&Pop
Suppression
Short-Circuit
Protection
OpAmp
LD
OpAmp
LD
OpAmp
HP
OpAmp
HP
DRV604
www.ti.com
SLOS659 – JANUARY 2010
PIN FUNCTIONS (continued)
PIN
FUNCTION(1)
DESCRIPTION
NAME
PWP NO.
–HP_R
16
I
Negative input, Headphone Right
OUT_HPR
17
O
Output, Headphone Right
NC
18
No connect
PGND
19
P
Charge Pump Power Ground, Headphone
PVDD_HP
20
P
Headphone Supply Voltage, connect to positive supply, internally connected to pin 23
CP_HP
21
I/O
Charge Pump Flying Capacitor Positive connection, Headphone
CP_LD
22
I/O
Charge Pump Flying Capacitor Positive connection, Line Driver
PVDD_LD
23
P
Line Driver Supply Voltage, connect to positive supply, internally connected to pin 20
PGND
24
P
Charge Pump Power Ground, Line Driver
Ex_UVP
25
I
External Under Voltage Protection
OUT_LDR
26
O
Output, Line Driver Right
–LD_R
27
I
Negative input, Line driver Right
+LD_R
28
I
Positive input, Line driver Right
SYSTEM BLOCK DIAGRAM
ORDERING INFORMATION(1)
TA
PACKAGE
DESCRIPTION
–40°C–85°C
DRV604PWP
28-Pin
(1)
For the most current package and ordering information, see the
Package Option Addendum at the end of this document, or see the
TI Web site at www.ti.com.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :DRV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com