Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV604PWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV604PWPR
Description  DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV604PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV604PWPR Datasheet HTML 2Page - Texas Instruments DRV604PWPR Datasheet HTML 3Page - Texas Instruments DRV604PWPR Datasheet HTML 4Page - Texas Instruments DRV604PWPR Datasheet HTML 5Page - Texas Instruments DRV604PWPR Datasheet HTML 6Page - Texas Instruments DRV604PWPR Datasheet HTML 7Page - Texas Instruments DRV604PWPR Datasheet HTML 8Page - Texas Instruments DRV604PWPR Datasheet HTML 9Page - Texas Instruments DRV604PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
DRV604
SLOS659 – JANUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS, HEADPHONE
PVDD_LD = PVDD_HP = 3.3 V, RHP = 32 Ω, TA = 25°C, Charge pump: CCP_LD = CCP_HP = 1.0 µF (unless otherwise noted)
TAS5630
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
PO
Output power, outputs in phase
THD+N = 1%, f = 1 kHz, 32
Ω load
40
mW
VO
Output voltage, outputs in phase
THD+N = 1%, f = 1 kHz, 32
Ω load
1.45
Vrms
f = 1 kHz, 32
Ω load, PO = 40 mW
0.02%
THD+N
Total harmonic distortion plus noise
f = 1 kHz, 5 k
Ω load, VO = 2 Vrms
0.001%
A-weighted, AES17 filter, 1.45 Vrms ref
106
(66 mW into 32
Ω)
SNR
Signal-to-noise ratio
dB
A-weighted, AES17 filter, 2 Vrms ref 5 k
Ω load
109
A-weighted, AES17 filter, 1.45 Vrms ref
106
(66 mW into 32
Ω)
DNR
Dynamic range
dB
A-weighted, AES17 filter, 2 Vrms ref 5 k
Ω load
109
Vn
Noise voltage
A-weighted, AES17 filter
7
µV
Slew rate
4.5
V/µS
GBW
Unity gain bandwidth
8
MHz
Crosstalk
Channel to channel
f = 1 kHz, Rload = 32 Ω, PO = 40 mW
75
dB
Vincm_pos
Positive common-mode input voltage
2.0
V
Negative common-mode input
Vincm_neg
–3.0
V
voltage
Ilimit
Output current limit
190
mA
Maximum capacitive load
220
pF
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :DRV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com