Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1107 Datasheet(PDF) 1 Page - ams AG

Part # AS1107
Description  8-Digit LED Display Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1107 Datasheet(HTML) 1 Page - ams AG

  AS1107 Datasheet HTML 1Page - ams AG AS1107 Datasheet HTML 2Page - ams AG AS1107 Datasheet HTML 3Page - ams AG AS1107 Datasheet HTML 4Page - ams AG AS1107 Datasheet HTML 5Page - ams AG AS1107 Datasheet HTML 6Page - ams AG AS1107 Datasheet HTML 7Page - ams AG AS1107 Datasheet HTML 8Page - ams AG AS1107 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AS1106, AS11 07
8-Digit LED Display Drivers
www.austriamicrosystems.com
Revision 2.24
1 - 20
Dat a Sh eet
1 General Description
The AS1106 and the AS1107 are compact display driv-
ers for 7-segment numeric displays of up to 8 digits. The
devices can be programmed via SPI, QSPI, and
Microwire as well as a conventional 4-wire serial inter-
face.
The devices include an integrated BCD code-B/HEX
decoder, multiplex scan circuitry, segment and display
drivers, and a 64-bit memory. Internal memory stores
the LED settings, eliminating the need for continuous
device reprogramming.
Every segment can be individually addressed and
updated separately. Only one external resistor (RSET) is
required to set the current through the LED display. LED
brightness can be controlled by analog or digital means.
The devices can be programmed to use the internal
code-B/HEX decoder to display numeric digits or to
directly address each segment.
The AS1106 and the AS1107 feature an extremely low
shutdown current of typically 3µA, and an operational
current of less than 500µA. The number of digits can be
programmed, the devices can be reset by software, and
an external clock is also supported. Additionally, seg-
ment blinking can be synchronized across multiple driv-
ers.
Several test modes are available for easy application
debugging.
The devices are available in 24-pin DIP and 24-pin
SOIC packages.
Figure 1. Typical Application Diagram
2 Key Features
!
10MHz SPI-, QSPI-, Microwire-Compatible
Serial I/O
!
Individual LED Segment Control
!
Segment Blinking Control (can be synchronized
across multiple drivers)
!
Hexadecimal- or BCD-Code/No-Decode Digit
Selection
!
3µA Low-Power Shutdown Current (typ; data
retained)
!
Extremely Low Operating Current 0.5mA in Open-
Loop
!
Digital and Analog Brightness Control
!
Display Blanked on Power-Up
!
Drive Common-Cathode LED Displays
!
Low-EMI Low Slew-Rate Limited Segment
Drivers (AS1107)
!
Supply Voltage Range: 2.7 to 5.5V
!
Software Reset
!
Optional External Clock
!
Packages:
- 24-pin DIP
- 24-pin SOIC
3 Applications
The AS1106 and AS1107 are ideal for bar-graph dis-
plays, instrument-panel meters, LED matrix displays, dot
matrix displays, set-top boxes, white goods, professional
audio equipment, medical equipment, industrial control-
lers and panel meters.
AS1106/
AS1107
8-Digit Microprocessor Display
DIG0 to
DIG7
SEG A to G
SEP DP
8 Digits
8 Segments
I/O
I/O
SCK
VDD
ISET
DIN
CLK
GND
GND
LOAD/CSN
+5V
9.53k
Ω
Micro-
processor


Similar Part No. - AS1107

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1107 AMSCO-AS1107 Datasheet
698Kb / 20P
8-Digit LED Display Drivers
AS1107 AMSCO-AS1107 Datasheet
1Mb / 22P
8-Digit LED Display Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1107 TAOS-AS1107 Datasheet
1Mb / 22P
Low-Dropout LED Drivers
logo
ams AG
AS1107PL AMSCO-AS1107PL Datasheet
698Kb / 20P
8-Digit LED Display Drivers
AS1107PL1 AMSCO-AS1107PL1 Datasheet
1Mb / 22P
8-Digit LED Display Drivers
More results

Similar Description - AS1107

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7211 MAXIM-ICM7211 Datasheet
668Kb / 16P
Four Digit Display Decoder/Drivers
19-959; Rev 1; 11/89
ICM7218 MAXIM-ICM7218 Datasheet
460Kb / 12P
8 Digit LED Display Driver
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
logo
ams AG
AS1106 AMSCO-AS1106 Datasheet
698Kb / 20P
8-Digit LED Display Drivers
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
ICM7211 MAXIM-ICM7211_05 Datasheet
8Mb / 16P
Four Digit Display Decoder/Drivers
Rev 2; 11/05
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1106 AMSCO-AS1106_04 Datasheet
1Mb / 22P
8-Digit LED Display Drivers
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
Serially Interfaced, 8-Digit LED Display Drivers
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com