Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1107 Datasheet(PDF) 16 Page - ams AG

Part # AS1107
Description  8-Digit LED Display Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1107 Datasheet(HTML) 16 Page - ams AG

Back Button AS1107 Datasheet HTML 12Page - ams AG AS1107 Datasheet HTML 13Page - ams AG AS1107 Datasheet HTML 14Page - ams AG AS1107 Datasheet HTML 15Page - ams AG AS1107 Datasheet HTML 16Page - ams AG AS1107 Datasheet HTML 17Page - ams AG AS1107 Datasheet HTML 18Page - ams AG AS1107 Datasheet HTML 19Page - ams AG AS1107 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
www.austriamicrosystems.com
Revision 2.24
16 - 20
AS1106, AS1107
Data Sheet - Ty pi c al Ap p l ic at i on
8x8 LED Dot Matrix Driver
The application example in Figure 14 shows the AS1106 as an 8x8 LED dot matrix driver.
The LED columns have common cathodes and are connected to the DIG0:7 outputs. The rows are connected to the
segment drivers. Each of the 64 LEDs can be addressed separately. The columns are selected via the digits as listed
in Table 7 on page 9.
The Decode Enable Register (see page 10) must be set to ‘00000000’ as described in Table 9 on page 10. Single
LEDs in a column can be addressed as described in Table 12 on page 11, where bit D0 corresponds to segment G and
bit D7 corresponds to segment DP.
Note: For a multiple-digit dot matrix, multiple AS1106 devices must be cascaded.
Figure 14. Application Example as LED Dot Matrix Driver
Cascading Drivers
The example in Figure 4 drives 2 dot matrix digits using a 4-wire microprocessor interface. All Scan-Limit Registers
should be set to the same value so that one display will not appear brighter than the other.
For example, to display 12 digits, set both Scan-Limit Registers to display 6 digits so that both displays have a 1/6 duty
cycle per digit. If 11 digits are needed, set both Scan-Limit Registers to display 6 digits and leave one digit uncon-
nected. Otherwise, if one driver is set to display 6 digits and the other to display 5 digits one display will appear brighter
because its duty cycle per digit will be 1/5 and the other display’s duty cycle will be 1/6.
Note: Refer to No-Op Register (0xX0) on page 13 for additional information.
SEG G
DIG0:7
ISET
DIN
GND
GND
LOAD/CSN
CLK
VDD
SEG A:G
SEG DP
9.53k
Ω
DIG0:7
ISET
DIN
GND
GND
LOAD/CSN
CLK
VDD
SEG A:G
SEG DP
9.53k
Ω
DOUT
8x8 LED Dot Matrix
8x8 LED Dot Matrix
Diode Arrangement
VBAT
VBAT
Micro-
Processor
SEG A
SEG DP
SEG B
SEG C
SEG D
SEG E
SEG F
SEG G
SEG A
SEG DP
SEG B
SEG C
SEG D
SEG E
SEG F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com