Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1107 Datasheet(PDF) 4 Page - ams AG

Part # AS1107
Description  8-Digit LED Display Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1107 Datasheet(HTML) 4 Page - ams AG

  AS1107 Datasheet HTML 1Page - ams AG AS1107 Datasheet HTML 2Page - ams AG AS1107 Datasheet HTML 3Page - ams AG AS1107 Datasheet HTML 4Page - ams AG AS1107 Datasheet HTML 5Page - ams AG AS1107 Datasheet HTML 6Page - ams AG AS1107 Datasheet HTML 7Page - ams AG AS1107 Datasheet HTML 8Page - ams AG AS1107 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.austriamicrosystems.com
Revision 2.24
4 - 20
AS1106, AS1107
Data Sheet - El ectrical Characte ristics
6 Electrical Characteristics
Conditions: VDD = 2.7 to 5.5V, RSET = 9.53k
Ω±1%, TAMB = TMIN to TMAX (unless otherwise specified).
Table 3. Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Supply Voltage
VDD
2.7
5.0
5.5
V
Shutdown Supply Current
IDDSD
All digital inputs at VDD or
GND, TAMB = +25ºC
10
µA
Operating Supply Current
IDD
RSET = open circuit.
1
mA
All segments and decimal
point on; ISEG = -40mA.
330
Display Scan Rate
fOSC
8 digits scanned
500
800
1300
Hz
Digit Drive Sink Current
IDIGIT
VOUT = 0.65V
320
mA
Segment Drive Source Current
ISEG
VDD = 5.0V, VOUT = (VDD -1V)
-30
-40
-45
mA
Segment Current Slew Rate
(AS1107 only)
ΔISEG/Δt
TAMB = +25ºC, VDD = 5.0V,
VOUT = (VDD -1V)
10
20
50
mA/µs
Segment Drive Current Matching
ΔISEG
3.0
%
Digit Drive Leakage
(AS1107 only)
IDIGIT
Digit off, VDIGIT = VDD
-10
µA
Segment Drive Leakage
(AS1107 only)
ISEG
Segment off, VSEG = 0V
1µA
Digit Drive Source Current
(AS1106 only)
IDIGIT
Digit off, VDIGIT = (VDD - 0.3V)
-2
mA
Segment Drive Sink Current
(AS1106 only)
ISEG
Segment off, VSEG = 0.3V
5mA
Slow Segment Blink Period (ON
phase, Internal Oscillator)
tSLOWBLINK
0.64
1
1.65
s
Fast Segment Blink Period
(ON phase, Internal Oscillator)
tFASTBLINK
0.32
0.5
0.83
s
Fast or Slow Segment Blink Duty
Cycle (Guaranteed by design)
49.9
50
50.1
%
Table 4. Logic Inputs/Outputs Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Current DIN, CLK, LOAD/CSN
IIH, IIL
VIN = 0V or VDD
-1
1
µA
Logic High Input Voltage
VIH
0.7 x VDD
V
Logic Low Input Voltage
VIL
VDD = 5.0V ± 10%
0.8
V
VDD = 3.0V ± 10%
0.6
Output High Voltage
VOH
DOUT, ISOURCE = -1mA,
VDD = 5.0V ± 10%
VDD - 1
V
DOUT, ISOURCE = -1mA,
VDD = 3.0V ± 10%
VDD - 0.5
Output Low Voltage
VOL
DOUT, ISINK = 1.6mA
0.4
V
Hysteresis Voltage
ΔVI
DIN, CLK, LOAD/CSN
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com