Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAC Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAC
Description  1.5mm-travel, with External Knob Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAC Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSAC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAC Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Other Use type
Small size
General Use type
Big size
General Use type
150
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Product Line
2
2
3
1
2
Poles Positions
Drawing
No.
Horizontal
Non
shorting
Not
specified
4.4
Actuator
direction
Changeover
timing
Actuator
length
(mm)
1.5
Travel
(mm)
Press-in
Mounting
method
Manual,
Dip
Soldering
8,000
Minimum order
unit
(pcs.)
Product No.
SSAC120100
SSAC120200
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please place purchase orders per minimum order unit(integer).
Notes
1.5mm-travel horizontal type with external type knob.
1.5mm-travel, with External Knob Type
SSAC Series
Slide Switch
Typical Specifications
Items
Rating
(max.)/
(min.)
(Resistive load)
1mA 5V DC/50
BA 3V DC
100m
Ωmax./200mΩmax.
2-positions
10,000cycles
10,000cycles
(1mA 5V DC)
Contact resistance
(Initial performance/After lifetime)
Operating force
Operating life
Without load
With load
Specifications
2.5
±1.5N
3-positions
a, c
→ b 2±1.5N
b
→ a, c 2.5±1.5N


Similar Part No. - SSAC

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SSAC100 SIRECTIFIER-SSAC100 Datasheet
912Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC100GK08 SIRECTIFIER-SSAC100GK08 Datasheet
912Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC100GK08 SIRECTIFIER-SSAC100GK08 Datasheet
216Kb / 4P
Solid State AC Switch
SSAC100GK12 SIRECTIFIER-SSAC100GK12 Datasheet
912Kb / 4P
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC100GK12 SIRECTIFIER-SSAC100GK12 Datasheet
216Kb / 4P
Solid State AC Switch
More results

Similar Description - SSAC

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK10J ALPS-RK10J Datasheet
319Kb / 6P
With Knob Type
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
1.5mm-travel Vertical Type
SPPJ6 ALPS-SPPJ6 Datasheet
204Kb / 2P
1.5mm-travel Low-profile Horizontal Type
SRRQ ALPS-SRRQ Datasheet
146Kb / 3P
With Knob Type
SSAD ALPS-SSAD Datasheet
304Kb / 4P
0.7(H)mm, 1.5mm-travel Surface Mount Type
SSAH ALPS-SSAH Datasheet
315Kb / 4P
0.9(H)mm, 1.5mm-travel Surface Mount Type
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
1.5mm-travel Vertical Type
SPPH1 ALPS-SPPH1_15 Datasheet
925Kb / 4P
1.5mm-travel Vertical Type
SSAC ALPS-SSAC_15 Datasheet
870Kb / 4P
1.5mm-travel, with External Knob Type
logo
SHINMEI ELECTRIC CO., L...
SLM-12-741 SHINMEI-SLM-12-741 Datasheet
43Kb / 3P
1.5mm Travel Thin Type Slide Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com