Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAF Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAF
Description  Slide Operation Type Stick Switch with 8-contact and Center-push Function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAF Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSAF Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAF Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAF Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAF Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Variable
Resistor Type
Switch
Type
485
Multi Control
Devices
No.
Dimensions
(With Center-push Type)
1
Style
PC board mounting hole dimensions
10.85
5.6
3
1.4
4-7.849
1.25
2.9
3.55
45°
45°
3-11.6
3-8.8
1.25
3.55
2.9
8
1
2
G
G
G
G
C
C
C
P
7
6
5
3
4
Example of patern
Viewed from mountingside)
Common terminal
C
Ground terminal
G
Center push terminal
P
2
3
1.4
0.4
10.85
5.6
Example of patern
Viewed from mounting side)
Common terminal
C
Ground terminal
G
Center push terminal
P
4-7.849
1.25
2.9
3.55
45°
45°
¿1.2
¿0.9
3-11.6
3-8.8
1.25
3.55
2.9
8
1
2
G
G
G
G
C
C
C
P
7
6
5
4
3
Unit:mm
E
S
SW
NW
N
SE
NE
W
Operating Direction
Operating direction
NNEE
SE
S
SW
W
NW Push
Out put
1
2
3
4
5
6
7
8
P
Output Code
Slide Operation Type Stick Switch with 8-contact and Center-push Function
SSAF Series
Multi Control Devices



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com