Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAF Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAF
Description  Slide Operation Type Stick Switch with 8-contact and Center-push Function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAF Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SSAF Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAF Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAF Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAF Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Variable
Resistor Type
Switch
Type
471
Multi Control
Devices
Series
Items
List of Varieties
11.8
11.4
3
9.5
8.8
2.2
2-direction
Without
With
Without
With
Without
With/Without
With
With/
Without
490
488
482
With
10
7.1
10
8.6
Without
With
Without
Single-shaft
SKQU
SLLB
SLLB5
Small type
SRBE
486
12
11
3.8
Resin
4-direction
8-direction
484
10.85
3
SSAF
Photo
Dimensions
(typical value)
(mm)
Number of operating shafts
Shaft material
Directional resolution
Directional operating feeling
Lever return mechanism
Center-push
switch
Encoder
W
D
H
Page
Switch type
Rating
(max.)
(Resistive load)
Output
voltage
Terminal
strength
Operating life
without load
Pushing
direction
Operating
direction
Operating life with load
(atratedload)
Insulation resistance
Operating temperature range
Directional resolution
Voltage proof
Push operating force
Encoder detent
torque
Vibration
Cold
Dry heat
Damp heat
2.5
±1N
–30
℃ to +85℃
50mA 12V DC
100M
Ω min. 100V DC
250V AC for 1min.
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
–30
±2℃ for 96h
80
±2℃ for 96h
60
±2℃, 90 to 95%RH for 96h
4-direction
2.5
N
1mA 5V DC
20mA 5V DC
10mA 5V DC
10M
Ω min. 100V DC
100V AC for 1min.
50M
Ω min. 50V DC
50V AC for 1min.
85
±2℃ for 96h
1V max. at
1mA 5V DC
(Resistive load)
50N
–40
±2℃ for 96h
50N
Measuring
terminal
Measuring
circuit
5V
5KΩ
+
3.5
±1.5N
8-direction
–10
℃to+60℃
100M
Ω min. 100V DC
100V AC for 1min.
–20
±2℃for 96h
10N
3N for 1min.
100,000cycles
40
±2℃, 90 to 95%RH for 96h
2
±1N
3
±2mN・m
2-direction
With
With
Function
SKQUAA/SKQUBA
SKQUCA
SKQUDB
Please see P.492
(SKQUBA,DB)
Please see P.492
350
℃ max. 3s max.
260
℃ max. 5s max.(SKQUAA,CA)
350
±10℃ 4s
+1
0
350
±5℃ 3s max.
Manual soldering
Dip soldering
Reflow soldering
1.57
N
+0.49
−0.59
1.57
N
+0.39
−0.69
0.5N
N
+0.5
−0.35
0.65
±0.3N
Directional
operating
force
+0.7
−0.5
3.14
±0.59N
Switch Type Multi Control Devices Soldering Conditions ………………………………………………………………492
Switch Type Multi Control Devices Cautions ………………………………………………………………………………493
Multi Control Devices



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com