Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAF Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAF
Description  Slide Operation Type Stick Switch with 8-contact and Center-push Function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAF Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSAF Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAF Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAF Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAF Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Variable
Resistor Type
Switch
Type
484
Multi Control
Devices
Slide Operation Type Stick Switch with 8-contact and Center-push Function
SSAF Series
1.4mm height low-profile type with 8-contact and center push function.
Multi Control Devices
Refer to P.492 for soldering conditions.
Item
Specifications
Slide operating force
0.5
+0.5
–0.25N
Push ON travel
(mm)
0.2
±0.1
Rating
(max.)
(Resistive load)
20mA 5V DC
Operating life
500,000cycles
Typical Specifications
Product Line
SSAF120100
2,400
Without
SSAF220100
With
Location Lug
Minimun order unit
(pcs.)
Product No.
1
2
Drawing No.
Slide ON travel
(mm)
0.65
±0.25
Push operating force
2.5
+0.7
–0.5N
Taping Specification (Taping Packaging)
Reel Size
¿380
25.4
Unit:mm
1,200
2,400
2,400
24
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/
Japan
1 case
/export
packing
Please place purchase orders per minimum order unit (integer).
Note


Similar Part No. - SSAF

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SSA MITSUMI-SSA Datasheet
111Kb / 2P
Self Return Slide Switches
logo
Littelfuse
SSA LITTELFUSE-SSA Datasheet
427Kb / 6P
Two-terminal, Metal Type Current Shunt Resistor
10/29/24
logo
Bedford Opto Technology...
SSA-005 BOT-SSA-005 Datasheet
35Kb / 2P
Miniature Opto Array
SSA-005-2 BOT-SSA-005-2 Datasheet
37Kb / 2P
Miniature IR Array
SSA-005E BOT-SSA-005E Datasheet
37Kb / 2P
Miniature IR Array
More results

Similar Description - SSAF

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RKJXL ALPS-RKJXL Datasheet
136Kb / 2P
8-directional Stick Switch (with Center-push Function)
RKJXM ALPS-RKJXM Datasheet
194Kb / 3P
8-directional Stick Switch (with Center-push Function)
RKJXS ALPS-RKJXS Datasheet
155Kb / 3P
8-directional Stick Switch (with Center-push Function)
RKJXT1F ALPS-RKJXT1F Datasheet
140Kb / 2P
4-directional Stick Switch (with Encoder/Center-push Function)
SLLB ALPS-SLLB Datasheet
208Kb / 4P
Lever and Push Operation Type Switch
SLLB5 ALPS-SLLB5 Datasheet
204Kb / 4P
Lever and Push Operation Type Switch
SRBE ALPS-SRBE Datasheet
245Kb / 4P
Encoder and Push Operation Type Switch
RKJXW ALPS-RKJXW Datasheet
1,009Kb / 5P
8-directional Stick Switch (with Encoder / Center-push Function)
SLLB ALPS-SLLB_15 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
SRBE ALPS-SRBE_15 Datasheet
828Kb / 4P
Encoder and Push Operation Type Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com