Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1112B Datasheet(PDF) 3 Page - ams AG

Part # AS1112B
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1112B Datasheet(HTML) 3 Page - ams AG

  AS1112B Datasheet HTML 1Page - ams AG AS1112B Datasheet HTML 2Page - ams AG AS1112B Datasheet HTML 3Page - ams AG AS1112B Datasheet HTML 4Page - ams AG AS1112B Datasheet HTML 5Page - ams AG AS1112B Datasheet HTML 6Page - ams AG AS1112B Datasheet HTML 7Page - ams AG AS1112B Datasheet HTML 8Page - ams AG AS1112B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.austriamicrosystems.com
Revision 1.06
3 - 18
AS1112
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Recommended Oper-
ating Conditions on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Input Voltage Range to GND
0.3
6
V
Output Current (DC)
90
mA
Input Voltage Range
-0.3
VCC +
0.3
V
Output Voltage Range
VSDO, VXERR to GND
-0.3
VCC +
0.3
V
Output Voltage Range
VOUT0: VOUT15 to GND
-0.3
15
V
ESD Rating
2kV
JEDEC 22-A114 Human Body Model
Storage Temperature Range
-55
+150
ºC
Operating Ambient
Temperature Range
-40
+85
ºC
32-pin TQFN 5x5 mm Package
Thermal Impedance
23
ºC/W
on 4-Layer PCB
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020D “Moisture/Reflow
Sensitivity Classification for Non-Hermetic Solid
State Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com