Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1112B Datasheet(PDF) 1 Page - ams AG

Part # AS1112B
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1112B Datasheet(HTML) 1 Page - ams AG

  AS1112B Datasheet HTML 1Page - ams AG AS1112B Datasheet HTML 2Page - ams AG AS1112B Datasheet HTML 3Page - ams AG AS1112B Datasheet HTML 4Page - ams AG AS1112B Datasheet HTML 5Page - ams AG AS1112B Datasheet HTML 6Page - ams AG AS1112B Datasheet HTML 7Page - ams AG AS1112B Datasheet HTML 8Page - ams AG AS1112B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AS1112
16-Channel LED Driver with Dot Correction and
Greyscale PWM
Datash eet
www.austriamicrosystems.com
Revision 1.06
1 - 18
1 General Description
The AS1112 is a 16-channel, constant current-sink LED
driver. Each of the 16 channels can be individually
adjusted by 4096-step greyscale PWM brightness con-
trol and 64-step constant-current sink (dot correction).
The dot correction circuitry adjusts the brightness varia-
tions between the AS1112 channels and other LED driv-
ers. Greyscale control and dot correction circuitry are
accessible via the SPI-compatible serial interface. A sin-
gle external resistor sets the maximum current value of
all 16 channels.
The open & short LED detection function indicates a
broken, shorted or disconnected LED at one or more of
the outputs. The overtemperature flag indicates that the
device is in an overtemperature condition.
An additional power-down pin puts the AS1112 into a
40nA standby-mode.
The AS1112 is available in a 32-pin TQFN 5x5 mm
package.
Figure 1. Block Diagram
2 Key Features
!
16 Channels
!
Greyscale PWM Control: 12-Bit (4096 Steps)
!
Dot Correction: 6-Bit (64 Steps)
!
Drive Capability (Constant-Current Sink): 0 to 80mA
!
LED Power Supply Voltage: Up to 15V
!
Supply Voltage Range: 3.0 to 5.5 V
!
SPI-Compatible Serial Interface
!
Controlled In-Rush Current
!
Data Transfer & PWM Clock Rate: up to 30 MHz
!
CMOS Level I/O
!
Diagnostic Features
- LED Open/Short Detection
- Overtemperature Flag
!
32-pin TQFN 5x5 mm Package
3 Applications
The device is ideal for mono-, multi-, and full-color LED
displays, LED signboards, and display backlights.
Table 1. Standard Products
Model
Power-Down
TEST pin
AS1112
Yes
Connect to GND
AS1112B
No
Connect to VCC
AS1112
Max OUTn
Current
27
VCC
Status
Open LED Detect,
Overtemperature
Flag, Dot
Correction Data
Thermal
Flag
22
XERR
Open
LED
Detect
26
IREF
24
GSCLK
31
OEN
30
GND
23
SDO
.
.
.
Control
12-Bit Greyscale
PWM Control
Constant Current
Driver
Delay
x15
21
OUT15
6-Bit Dot
Correction
Dot Correction
90
Register 95
Greyscale
180 Register191
Control
12-Bit Greyscale
PWM Control
Constant Current
Driver
Delay
x0
Open&Short LED Detection
4
OUT0
6-Bit Dot
Correction
Dot Correction
0
Register
5
Greyscale
0
Register 11
Control
12-Bit Greyscale
PWM Control
Constant Current
Driver
Delay
x1
5
OUT1
6-Bit Dot
Correction
Dot Correction
6
Register
11
Greyscale
12 Register 23
.
.
.
32 LD
Input
Shift
Register
Input
Shift
Register
2 SDI
1 CLK
Greyscale
Counter
Control
VREF =
1.24V
29 PD
3
MODE
Open&Short LED Detection
Open&Short LED Detection


Similar Part No. - AS1112B

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1112B-BQFT AMSCO-AS1112B-BQFT Datasheet
1Mb / 20P
16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
ams-OSRAM AG
AS1112B-BQFT AMSOSRAM-AS1112B-BQFT Datasheet
1Mb / 21P
16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
Revision 1.13
More results

Similar Description - AS1112B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com