Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1112B Datasheet(PDF) 4 Page - ams AG

Part # AS1112B
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1112B Datasheet(HTML) 4 Page - ams AG

  AS1112B Datasheet HTML 1Page - ams AG AS1112B Datasheet HTML 2Page - ams AG AS1112B Datasheet HTML 3Page - ams AG AS1112B Datasheet HTML 4Page - ams AG AS1112B Datasheet HTML 5Page - ams AG AS1112B Datasheet HTML 6Page - ams AG AS1112B Datasheet HTML 7Page - ams AG AS1112B Datasheet HTML 8Page - ams AG AS1112B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.austriamicrosystems.com
Revision 1.06
4 - 18
AS1112
Datasheet - R e c o m m e nded O pera t in g Co ndit i ons
6 Recommended Operating Conditions
Table 4. DC Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage
3
5.5
V
VOUT
Voltage Applied to Output
(OUT0:OUT15)
15
V
VIH
High-Level Input Voltage
0.8 x
VCC
VCC
V
VIL
Low-Level Input Voltage
GND
0.2 x
VCC
V
IOH
High-Level Output Current
VCC = 5 V at SDO
-1.0
mA
IOL
Low-Level Output Current
VCC = 5 V at SDO, XERR
1.0
mA
ICOC
Constant Output Current
OUT0:OUT15
80
mA
Table 5. AC Characteristics – VCC = 3 V to 5.5 V, TAMB = -40 to 85°C (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCLK
Data Shift Clock Frequency
CLK
30
MHz
fGSCLK
Greyscale Clock Frequency
GSCLK
30
MHz
tWH0/tWL0
CLK Pulse Duration
CLK = 1/0
1
1. See Figure 10 on page 12.
16
ns
tWH1/tWL1
GSCLK Pulse Duration
GSCLK = 1/0
2
2. See Figure 14 on page 14.
16
ns
tWH2
LD Pulse Duration
LD = 1
1
20
ns
tWH3
OEN Pulse Duration
OEN = 1
2
20
ns
tSU0
Setup Time
SDI, CLK
3
3. See Figure 12 on page 13.
12
ns
tSU1
CLK, LD
3
12
tSU2
MODE, CLK
4
4. See Figure 7 on page 8.
12
tSU3
MODE, LD
4
12
tSU4
OEN, GSCLK
2
12
tH0
Hold Time
CLK, SDI
3
12
ns
tH1
LD, CLK
1
12
tH2
CLK, MODE
4
12
tH3
LD, MODE
4
12
tH4
OEN, GSCLK
2
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com