Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1115 Datasheet(PDF) 2 Page - ams AG

Part # AS1115
Description  64 LEDs, I짼C Interfaced LED Driver with Keyscan
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1115 Datasheet(HTML) 2 Page - ams AG

  AS1115 Datasheet HTML 1Page - ams AG AS1115 Datasheet HTML 2Page - ams AG AS1115 Datasheet HTML 3Page - ams AG AS1115 Datasheet HTML 4Page - ams AG AS1115 Datasheet HTML 5Page - ams AG AS1115 Datasheet HTML 6Page - ams AG AS1115 Datasheet HTML 7Page - ams AG AS1115 Datasheet HTML 8Page - ams AG AS1115 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.austriamicrosystems.com
Revision 1.03
2 - 24
AS1115
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin
Name
QSOP-24
TQFN(4x4)-24
Description
SDA
122
Serial-Data I/O. Open drain digital I/O I²C data pin.
DIG0:DIG7
2-5, 7-10
1, 2, 4, 5, 6, 7,
23, 24
Digit Drive Lines. Eight digit drive lines that sink current from the display
common cathode. Keyscan detection optional, but must be polled by the
µProzessor.
GND
63
Ground.
KEYA
11
8
Keyscan Input. Keyscan lines for key readback. Can be used for self-
adressing.
KEYB
12
9
Keyscan Input. Keyscan lines for key readback.
ISET
13
10
Set Segment Current. Connect to VDD or a reference voltage through
RSET to set the peak segment current (see Selecting RSET Resistor
Value and Using External Drivers on page 19).
SCL
14
11
Serial-Clock Input. 3.4MHz maximum rate.
IRQ
24
21
Interupt Request Output. Open drain pin.
SEGA:SEGG
, SEGDP
15-18,
20-23
12-15, 17-20
Seven Segment and Decimal Point Drive Lines. 8 seven-segment
drives and decimal point drive that source current to the display.
VDD
19
16
Positive Supply Voltage. Connect to +2.7 to +5.5V supply.
-
Exposed Pad
Exposed Pad. This pin also functions as a heat sink. Solder it to a large
pad or to the circuit-board ground plane to maximize power dissipation.
AS1115
SEG E
8
18
SEGB
14
DIG2
1
GND
3
AS1115
DIG5
5
10
12
VDD
16
SEGC
17
SEGG
15
SEGF
13
DIG3
2
DIG4
4
DIG6
6
11
9
7
23
21
19
20
22
24
Exposed
Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com