Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1115 Datasheet(PDF) 4 Page - ams AG

Part # AS1115
Description  64 LEDs, I짼C Interfaced LED Driver with Keyscan
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1115 Datasheet(HTML) 4 Page - ams AG

  AS1115 Datasheet HTML 1Page - ams AG AS1115 Datasheet HTML 2Page - ams AG AS1115 Datasheet HTML 3Page - ams AG AS1115 Datasheet HTML 4Page - ams AG AS1115 Datasheet HTML 5Page - ams AG AS1115 Datasheet HTML 6Page - ams AG AS1115 Datasheet HTML 7Page - ams AG AS1115 Datasheet HTML 8Page - ams AG AS1115 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.austriamicrosystems.com
Revision 1.03
4 - 24
AS1115
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VDD = 2.7 to 5.5V, RSET = 9.53k
Ω, TAMB = -40 to +85°C, typ. values @ TAMB = +25ºC, VDD = 5.0V (unless otherwise
specified).
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating Supply Voltage
2.7
5.5
V
IDDSD
Shutdown Supply Current
All digital inputs at VDD or
GND, TAMB = +25ºC
0.2
2
µA
IDD
Operating Supply Current
RSET = open circuit.
0.35
0.6
mA
All segments and decimal
point on; ISEG = -40mA.
335
fOSC
Display Scan Rate
8 digits scanned
0.48
0.96
kHz
IDIGIT
Digit Drive Sink Current
VOUT = 0.65V
320
mA
ISEG
Segment Drive Source Current
VDD = 5.0V, VOUT = (VDD -1V)
-35
-41
-47
mA
ΔISEG
Segment Drive Current Matching
3
%
ISEG
Segment Drive Source Current
Average Current
47
mA
Table 4. Logic Inputs/Outputs Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IIH, IIL
Input Current SDA, SCL
VIN = 0V or VDD
-1
1
µA
VIH
Logic High Input Voltage SDA, SCL
0.7xVDD
V
VIL
Logic Low Input Voltage SDA, SCL
0.3xVDD
V
VOL(SDA)
SDA Output Low Voltage
ISINK = 3mA
0.4
V
VKEYopen
Keyscan Open Input Voltage
0.8xVDD
V
VKEYshort
Keyscan Short Input Voltage
0.7x VDD
V
VOL(IRQ)
Interrupt Output Low Voltage
ISINK = 3mA
0.4
V
ΔVI
Hysteresis Voltage
DIN, CLK, LD/CS
1
V
Capacitive Load for Each Bus Line
400
pF
Open Detection Level Threshold
0.7x
VDD
0.75x
VDD
0.8x
VDD
V
Short Detection Level Threshold
0.05x
VDD
0.1x
VDD
0.15x
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com