Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1115 Datasheet(PDF) 20 Page - ams AG

Part # AS1115
Description  64 LEDs, I짼C Interfaced LED Driver with Keyscan
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1115 Datasheet(HTML) 20 Page - ams AG

Back Button AS1115 Datasheet HTML 16Page - ams AG AS1115 Datasheet HTML 17Page - ams AG AS1115 Datasheet HTML 18Page - ams AG AS1115 Datasheet HTML 19Page - ams AG AS1115 Datasheet HTML 20Page - ams AG AS1115 Datasheet HTML 21Page - ams AG AS1115 Datasheet HTML 22Page - ams AG AS1115 Datasheet HTML 23Page - ams AG AS1115 Datasheet HTML 24Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
www.austriamicrosystems.com
Revision 1.03
20 - 24
AS1115
Datasheet - Ty p i c a l A p p l i c a t i o n
8x8 Dot Matrix Mode
The application example in Figure 26 shows the AS1115 in the 8x8 LED dot matrix mode.
The LED columns have common cathodes and are connected to the DIG0:7 outputs. The rows are connected to the
segment drivers. Each of the 64 LEDs can be addressed separately. The columns are selected via the digits as listed
in Table 6 on page 12.
The Decode Enable Register (see page 13) must be set to ‘00000000’ as described in Table 8 on page 13. Single
LEDs in a column can be addressed as described in Table 11 on page 15, where bit D0 corresponds to segment G and
bit D7 corresponds to segment DP.
Figure 26. Application Example as LED Dot Matrix Driver
Keyscan
The key readback of the AS1115 can be used either for push buttons as well as switches. If only a single key is
pressed (shorted) at a time no additional diodes are required. If a detection of multiple simultaneous keystrokes is
required diodes within the keypath, as shown in Figure 27, are required. Pressing multiple keys without the diodes
would result in ambiguous results. Since KEYA and KEYB have independent inputs only keys on the same path are
affected.
Figure 27. Keyscan Configuration
Supply Bypassing and Wiring
In order to achieve optimal performance the AS1115 should be placed very close to the LED display to minimize effects
of electromagnetic interference and wiring inductance.
Furthermore, it is recommended to connect a 10µF and a 0.1µF ceramic capacitor between pins VDD and GND to
avoid power supply ripple (see Figure 26).
Diode Arrangement
DIG0 to
DIG7
SEG A to G
SEP DP
AS1115
SDA
SCL
IRQ
VDD
ISET
SDA
IRQ
GND
SCL
2.7 to 5V
9.53k
Ω
µP
KEYA
KEYB
SEGA
SEGB
SEGC
SEGD
SEG E
SEGF
SEGG
SEGDP
IRQ
Diodes are optional and only required if multiple keystrokes must be
detected simultaneously.
If I²C Self-Adressing is used these two keys cannot be used for read-
back and must be either hard wired opened or shorted.
A short writes a logical “1” whereas an open writes a logical “0” as
address bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com