Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1340 Datasheet(PDF) 7 Page - ams AG

Part # AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1340 Datasheet(HTML) 7 Page - ams AG

Back Button AS1340 Datasheet HTML 3Page - ams AG AS1340 Datasheet HTML 4Page - ams AG AS1340 Datasheet HTML 5Page - ams AG AS1340 Datasheet HTML 6Page - ams AG AS1340 Datasheet HTML 7Page - ams AG AS1340 Datasheet HTML 8Page - ams AG AS1340 Datasheet HTML 9Page - ams AG AS1340 Datasheet HTML 10Page - ams AG AS1340 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.austriamicrosystems.com
Revision 1.10
7 - 16
AS1340
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 15. Startup Voltage vs. Output Current;
VIN = 2.7 to 5.5V
Figure 16. Input Current vs. Input Voltage;
IOUT = 0mA, switching
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
30
35
40
45
50
Output Current (mA)
Vout =6V
Vout =12V
Vout =18V
Vout =24V
Vout =30V
Vout =36V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
Vout =6V
Vout =12V
Vout =18V
Vout =24V
Vout =30V
Figure 17. Input Current vs. Output Current;
VOUT = 12V
Figure 18. Input Current vs. Output Current;
VOUT = 18V
0
100
200
300
400
500
600
0
10
20304050
6070
Output Current (mA)
Vi n =2.4V
Vi n =2.7V
Vi n =3.3V
Vi n =5.5V
0
100
200
300
400
500
600
0
10
20304050
6070
Output Current (mA)
Vi n =2.4V
Vi n =2.7V
Vi n =3.3V
Vi n =5.5V
Figure 19. Startup Waveform
Figure 20. Startup Waveform - POK
200µs/Div
50µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com