Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1340 Datasheet(PDF) 6 Page - ams AG

Part # AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1340 Datasheet(HTML) 6 Page - ams AG

Back Button AS1340 Datasheet HTML 2Page - ams AG AS1340 Datasheet HTML 3Page - ams AG AS1340 Datasheet HTML 4Page - ams AG AS1340 Datasheet HTML 5Page - ams AG AS1340 Datasheet HTML 6Page - ams AG AS1340 Datasheet HTML 7Page - ams AG AS1340 Datasheet HTML 8Page - ams AG AS1340 Datasheet HTML 9Page - ams AG AS1340 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.austriamicrosystems.com
Revision 1.10
6 - 16
AS1340
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Output Voltage vs. Temperature;
VOUT = 18V
Figure 10. Output Voltage vs. Load Current;
VOUT = 18V, VIN = 3.3V
17.5
17.6
17.7
17.8
17.9
18
18.1
18.2
18.3
18.4
18.5
-45 -30 -15
0
15
30
45
60
75
90
Temperature (C°)
Iout =1mA
Iout =5mA
Iout =10mA
Iout =20mA
Iout =50mA
17.5
17.6
17.7
17.8
17.9
18
18.1
18.2
18.3
18.4
18.5
0
10
203040
Output Current (mA)
Figure 11. Output Voltage vs. Input Voltage;
VOUT = 18V, Split Supplies
Figure 12. Output Voltage vs. Input Voltage;
VOUT = 18V
17.5
17.6
17.7
17.8
17.9
18
18.1
18.2
18.3
18.4
18.5
2
3
4
5
6
7
8
9
10
11
12
Input Voltage (V)
Iout =1mA
Iout =5mA
Iout =10mA
Iout =20mA
17.5
17.6
17.7
17.8
17.9
18
18.1
18.2
18.3
18.4
18.5
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
Iout =1mA
Iout =5mA
Iout =10mA
Iout =20mA
Figure 13. Output Current vs. VIN; Split Supplies
Figure 14. Output Current vs. VIN
0
50
100
150
200
250
300
350
400
450
500
23
45
678
9
10
11
12
Input Voltage (V)
Vout =12V
Vout =18V
Vout =24V
Vout =30V
Vout =36V
0
50
100
150
200
250
300
350
400
450
500
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
Vout =12V
Vout =18V
Vout =24V
Vout =30V
Vout =36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com