Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1340 Datasheet(PDF) 9 Page - ams AG

Part # AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1340 Datasheet(HTML) 9 Page - ams AG

Back Button AS1340 Datasheet HTML 5Page - ams AG AS1340 Datasheet HTML 6Page - ams AG AS1340 Datasheet HTML 7Page - ams AG AS1340 Datasheet HTML 8Page - ams AG AS1340 Datasheet HTML 9Page - ams AG AS1340 Datasheet HTML 10Page - ams AG AS1340 Datasheet HTML 11Page - ams AG AS1340 Datasheet HTML 12Page - ams AG AS1340 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.austriamicrosystems.com
Revision 1.10
9 - 16
AS1340
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1340 features a current limiting circuitry, a fixed-frequency PWM architecture, power-OK circuitry, thermal pro-
tection, and an automatic powersave mode in a tiny package, and maintains high efficiency at light loads.
Figure 27. AS1340 - Block Diagram with Shutdown Disconnect Switch
Automatic powersave mode regulates the output and also reduces average current flow into the device, resulting in
high efficiency at light loads. When the output increases sufficiently, the powersave comparator output remains high,
resulting in continuous operation.
For each oscillator cycle, the power switch is enabled. A voltage proportional to switch current is added to a stabilizing
ramp and the resulting sum is delivered to the positive terminal of the PWM comparator.
The error amplifier compares the voltage at FB with the internal 1.25V reference and generates an error signal (VC).
When VC is below the powersave mode threshold voltage the automatic powersave-mode is activated and the hyster-
etic comparator disables the power circuitry, with only the low-power circuitry still active (total current consumption is
minimized).
When a load is applied, VFB decreases; VC increases and enables the power circuitry and the device starts switching.
In light loads, the output voltage (and the voltage at FB) will increase until the powersave comparator disables the
power circuitry, causing the output voltage to decrease again. This cycle is repeated resulting in low-frequency ripple at
the output.
The POK output indicates whether the output voltage is within 90% of the nominal output voltage level or not. When
EN is low, the circuit is not active and POK gives a high signal when connected to VCC by a pull-up resistor. When EN
goes high, POK goes low after appr. 50µs and will go high when the output reaches 90% of the nominal output voltage
(see Figure 20 on page 7). When input and output voltage are almost the same, it may happen that the POK Signal
does not go low because VOUT reaches 90% before the delay has expired. The open-drain POK output sinks current,
when EN is high and the output voltage is below 90% of the nominal output voltage.
Thermal protection circuitry shuts down the device when its temperature reaches 145ºC.
AS1340
+
–
PWM
Control
Slope
Compensator
1 MHz
Spread
Spectrum
Ramp
Generator
+
–
Powersave
Operation
Control
–
Shutdown
Control
PWM
Comp
Σ
+
–
1.25V
Ref
Sync Drive
Control
VOUT
Good
1.13V
gm Error
Amp
Shutdown
Powersave
0.9
Ω
R2
R1
CFF*
COUT
VIN to 50V
L1
4.7µH
CIN
1µF
* Optional
Current
Sense
RC
CP2
CC
GND
7,9
1
EN
8
FB
2
VCC
6SWOUT
4POK
5
LX
VC
VIN = 2.7V
to 5.5V
3
SWVIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com