Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2069 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2069
Description  18-31GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2069 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2069 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
18-31GHz Low Noise Amplifier
CHA2069
Ref. :DSCHA20699273 - 8-Sep-99
3
/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Result
Chip Typical Response ( On wafer Sij ) :
Tamb = +25°C
VD=4.5V ID
=+55 mA
F(GHz)
S11
S12
S21
S22
mod
pha
mod
Pha
mod
pha
mod
pha
dB
deg
dB
Deg
dB
deg
dB
deg
2
-0.01
-34.9
-83.58
-127.8
-63.71
-13.4
-1.00
-119.2
4
-0.01
-71.6
-76.83
108.8
-58.71
67.0
-1.47
175.5
6
-0.15
-112.7
-66.00
60.8
-23.56
-164.4
-2.32
127.4
8
-0.74
-164.6
-71.92
-16.4
1.54
82.3
-3.60
81.3
10
-3.30
128.2
-70.19
-49.4
12.91
-27.1
-5.05
47.4
11
-5.18
90.4
-59.14
-73.7
16.99
-80.0
-5.37
16.5
12
-6.94
50.5
-54.33
-122.3
19.60
-134.0
-7.20
-11.0
13
-7.98
11.7
-51.51
-169.1
21.14
175.3
-9.15
-34.1
14
-8.31
-23.4
-50.07
149.9
21.66
129.6
-11.20
-56.3
15
-8.58
-54.0
-49.42
116.2
22.18
87.5
-13.60
-77.5
16
-9.01
-77.8
-49.02
87.9
22.07
51.3
-16.65
-96.6
17
-9.66
-97.0
-49.24
56.9
22.35
17.5
-21.01
-115.6
18
-10.27
-112.2
-49.74
38.9
22.25
-13.3
-28.25
-138.6
19
-11.44
-125.0
-48.80
9.0
22.30
-43.3
-29.93
70.6
20
-12.60
-132.7
-50.27
-20.2
22.38
-72.0
-20.66
26.9
21
-13.74
-137.8
-50.08
-36.8
22.38
-99.8
-16.29
8.9
22
-14.44
-140.0
-50.55
-62.5
22.60
-127.6
-13.67
-8.6
23
-15.21
-142.8
-51.54
-81.8
22.72
-155.4
-12.01
-23.6
24
-16.15
-144.4
-51.68
-101.2
22.60
176.7
-10.83
-36.2
25
-16.91
-142.9
-53.88
-123.9
22.65
148.6
-10.08
-48.8
26
-17.29
-139.8
-55.05
-131.7
22.52
121.6
-9.73
-59.3
27
-16.84
-139.8
-56.50
-130.9
22.33
95.0
-9.58
-69.9
28
-16.95
-147.5
-54.45
-134.4
22.31
68.4
-9.80
-78.4
29
-20.07
-167.5
-52.53
-163.2
22.38
40.0
-10.82
-83.0
30
-30.52
-155.1
-54.62
-174.1
22.26
11.1
-11.30
-83.9
31
-27.00
-17.8
-53.75
179.4
22.16
-19.5
-11.94
-81.7
32
-14.97
-22.9
-53.19
178.6
21.80
-52.8
-11.76
-73.8
33
-9.33
-43.0
-51.06
149.6
21.01
-87.4
-10.65
-68.9
34
-5.88
-63.5
-52.88
130.3
19.68
-122.9
-9.14
-68.4
35
-3.76
-82.7
-49.61
134.9
17.65
-157.6
-7.96
-71.3
36
-2.43
-100.5
-47.83
116.4
15.15
170.2
-6.97
-75.0
37
-1.79
-116.2
-52.98
85.7
12.27
141.0
-6.11
-79.3
38
-1.35
-129.6
-46.64
67.5
9.27
114.2
-5.37
-83.2
39
-1.14
-140.6
-59.58
31.3
6.10
90.1
-4.70
-87.6
40
-0.83
-151.3
-54.65
61.1
2.95
68.0
-4.13
-92.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com