Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2069 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2069
Description  18-31GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2069 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2069 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHA2069
Ref. :DSCHA20699273 - 8-Sep-99
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
18-31GHz Low Noise Amplifier
GaAs Monolithic Microwave IC
Description
The circuit is a three-stage self biased
wide band monolithic low noise amplifier.
The circuit is manufactured with a standard
HEMT process : 0.25µm gate length, via
holes through the substrate, air bridges
and electron beam gate lithography.
It is supplied in chip form.
Main Features
Broad band performance 18-31GHz
2.5dB noise figure
22dB gain,
± 1dB gain flatness
Low DC power consumption, 55mA
20dBm 3rd order intercept point
Chip size : 2,170 x 1,270x 0.1mm
0
2
4
6
8
10
12
14
16
18
20
22
24
14
16
18
20
22
24
26
28
30
32
34
Frequency ( GHz )
On wafer typical measurements.
Main Characteristics
Tamb = +25°C
Symbol
Parameter
Min
Typ
Max
Unit
NF
Noise figure,18-31GHz
2.5
3.5
dB
G
Gain
18
22
dB
∆G
Gain flatness
± 1
± 1.5
dB
ESD Protections : Electrostatic discharge sensitive device observe handling precautions !


Similar Part No. - CHA2069

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2069-99F UMS-CHA2069-99F Datasheet
261Kb / 8P
18-31GHz Low Noise Amplifier
CHA2069-99F UMS-CHA2069-99F_15 Datasheet
261Kb / 8P
18-31GHz Low Noise Amplifier
CHA2069-FAA UMS-CHA2069-FAA Datasheet
383Kb / 10P
16-32GHz Low Noise Amplifier
CHA2069-FAA UMS-CHA2069-FAA_15 Datasheet
383Kb / 10P
16-32GHz Low Noise Amplifier
CHA2069-QDG UMS-CHA2069-QDG Datasheet
439Kb / 18P
18-30GHz Low Noise Amplifier
More results

Similar Description - CHA2069

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2069RAF UMS-CHA2069RAF Datasheet
171Kb / 7P
18-31GHz Low Noise Amplifier
CHA2092B UMS-CHA2092B Datasheet
87Kb / 6P
18-32GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA8344-SCC TRIQUINT-TGA8344-SCC Datasheet
499Kb / 11P
2 - 18 GHz Low Noise Amplifier
logo
United Monolithic Semic...
CHA2069-QDG UMS-CHA2069-QDG Datasheet
439Kb / 18P
18-30GHz Low Noise Amplifier
CHA2693-QAG UMS-CHA2693-QAG Datasheet
414Kb / 12P
18-30GHz Low Noise Amplifier
CHA2069-99F UMS-CHA2069-99F_15 Datasheet
261Kb / 8P
18-31GHz Low Noise Amplifier
CHA2092B UMS-CHA2092B_15 Datasheet
107Kb / 6P
18-32GHz Low Noise Amplifier
CHA2260-QAG UMS-CHA2260-QAG_15 Datasheet
555Kb / 14P
18-27GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD157 MMIC-CMD157 Datasheet
214Kb / 9P
6-18 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD264P3 QORVO-CMD264P3_V01 Datasheet
362Kb / 11P
6-18 GHz Low Noise Amplifier
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com