Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2069 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2069
Description  18-31GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2069 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2069 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2069 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CHA2069
18-31GHz Low Noise Amplifier
Ref. :DSCHA20699273 - 8-Sep-99
2
/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = +25°C, Vd = +4,5V Pads:B=D=E=Gnd
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
18
31
Ghz
G
Gain (1)
18
22
dB
∆G
Gain flatness (1)
± 1
± 1.5
dB
NF
Noise figure (1)
2.5
3.5
dB
VSWRin
Input VSWR (1)
2.0:1
2.5:1
VSWRout
Ouput VSWR (1)
2:0:1
2.5:1
IP3
3rd order intercept point
20
dBm
P1dB
Output power at 1dB gain compression
10
dBm
Id
Drain bias current (2)
55
75
mA
(1) These values are representative on-wafer measurements that are made without bonding wires
at the RF ports.
(2) This current is the typical value from the low noise low consumption
biasing ( B & D & E
grounded ).
Absolute Maximum Ratings (3)
Tamb = +25°C
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage (5)
5.0
V
Pin
Maximum peak input power overdrive (4)
+15
dBm
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(3) Operation of this device above anyone of these paramaters may cause permanent damage.
(4) Duration < 1s.
(5) See chip biasing options pp7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com