Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1369 Datasheet(PDF) 15 Page - ams AG

Part # AS1369
Description  200mA Ultra-Compact Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1369 Datasheet(HTML) 15 Page - ams AG

Back Button AS1369 Datasheet HTML 8Page - ams AG AS1369 Datasheet HTML 9Page - ams AG AS1369 Datasheet HTML 10Page - ams AG AS1369 Datasheet HTML 11Page - ams AG AS1369 Datasheet HTML 12Page - ams AG AS1369 Datasheet HTML 13Page - ams AG AS1369 Datasheet HTML 14Page - ams AG AS1369 Datasheet HTML 15Page - ams AG AS1369 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
www.austriamicrosystems.com
Revision 1.03
15 - 16
AS1369
Data Sheet - O r d e r i n g I n f o r m a t i o n
10 Ordering Information
The AS1369 is available as the standard versions listed in Table 4. Other versions are available upon request. Contact
austriamicrosystems, AG for more information.
*
Available upon request. Contact austriamicrosystems AG for details.
All devices are RoHS compliant and free of halogene substances.
Table 4. Ordering Information
Model
Marking
Description
Delivery Form
Package
AS1369-BWLT-15
ASPZ
1.5V LDO, 200mA
Tape and Reel
4-bump WL-CSP
AS1369-BWLT-18
ASP0
1.8V LDO, 200mA
Tape and Reel
4-bump WL-CSP
AS1369-BWLT-25
ASP1
2.5V LDO, 200mA
Tape and Reel
4-bump WL-CSP
AS1369-BWLT-28
ASP2
2.8V LDO, 200mA
Tape and Reel
4-bump WL-CSP
AS1369-BWLT-30
ASP3
3.0V LDO, 200mA
Tape and Reel
4-bump WL-CSP
AS1369-BWLT-33
ASP4
3.3V LDO, 200mA
Tape and Reel
4-bump WL-CSP
AS1369-BWLT-45*
ASP5
4.5V LDO, 200mA
Tape and Reel
4-bump WL-CSP
AS1369-BWLT-50*
ASP6
5.0V LDO, 200mA
Tape and Reel
4-bump WL-CSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com