Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1369 Datasheet(PDF) 1 Page - ams AG

Part # AS1369
Description  200mA Ultra-Compact Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1369 Datasheet(HTML) 1 Page - ams AG

  AS1369 Datasheet HTML 1Page - ams AG AS1369 Datasheet HTML 2Page - ams AG AS1369 Datasheet HTML 3Page - ams AG AS1369 Datasheet HTML 4Page - ams AG AS1369 Datasheet HTML 5Page - ams AG AS1369 Datasheet HTML 6Page - ams AG AS1369 Datasheet HTML 7Page - ams AG AS1369 Datasheet HTML 8Page - ams AG AS1369 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AS1369
200mA Ultra-Compact Low Dropout Regulator
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.03
1 - 16
1 General Description
The AS1369 is an ultra compact high-performance low-
dropout 200mA voltage regulator designed for use with
very-low ESR output capacitors. The device can deliver
superior performance in all specifications critical to
battery-powered designs, and is perfectly suited for
mobile phones, PDAs, MP3 players, and other battery
powered devices.
The AS1369 is working with small input and output
capacitor of only 0.47µF offering PSRR of 72dB typical
and a noise level of 30µVRMS.
Typical quiescent current is around 25µA while in
shutdown the AS1369 requires less than 0.1µA
quiescent current.
Regulation performance is excellent even under low
dropout conditions, when the power transistor has to
operate in linear mode.
The AS1369 offers excellent low-noise performance
requiring no external bypass capacitance.
Multiple output voltage options between 1.2 and 5.0V in
100mV steps are available and the the minimum input
voltage is as low as 2.0V (depending on the output
voltage version), so the component can be used with the
coming new battery technologies.
The AS1369 is available in a 4-bump WL-CSP package.
Figure 1. Block Diagram
2 Key Features
!
Low Dropout Voltage: typ. 40mV @ 100mA
!
200mA High Maximum Load Current
!
2.0 to 5.5V Input Voltage
!
1.2 to 5.0V Output Voltage (in 100mV steps)
!
High Accuracy: ±2% Over Temperature
!
Thermal and Over Current Protection
!
25µA Quiescent Current
!
<0.1µA Standby Current
!
High PSRR: 72dB @ 1kHz
!
No Noise Bypass Capacitor Required
!
Low Noise: 30µVRMS
!
Enable Pin
!
Package: 4-bump WL-CSP 0.5mm pitch
3 Applications
The device is ideal for mobile communication, battery
powered systems and any electronic equipment.
VREF
On/Off
Control
Thermal &
Over Current
Protection
VOUT
VIN
_
+
GND
COUT
EN
CIN
B1
VOUT
A1
GND
B2
VIN
A2
EN
(WLP; Top Through View)
AS1369


Similar Part No. - AS1369

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1369 AMSCO-AS1369 Datasheet
1Mb / 22P
200mA Ultra-Compact Low Dropout Regulator
AS1369-BWLT-12 AMSCO-AS1369-BWLT-12 Datasheet
1Mb / 22P
200mA Ultra-Compact Low Dropout Regulator
AS1369-BWLT-13 AMSCO-AS1369-BWLT-13 Datasheet
1Mb / 22P
200mA Ultra-Compact Low Dropout Regulator
AS1369-BWLT-15 AMSCO-AS1369-BWLT-15 Datasheet
1Mb / 22P
200mA Ultra-Compact Low Dropout Regulator
AS1369-BWLT-18 AMSCO-AS1369-BWLT-18 Datasheet
1Mb / 22P
200mA Ultra-Compact Low Dropout Regulator
More results

Similar Description - AS1369

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
200mA Low-Dropout Voltage Regulator
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
200mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
logo
Unisonic Technologies
M2950 UTC-M2950_11 Datasheet
265Kb / 8P
200mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
logo
ams AG
AS1369 AMSCO-AS1369_04 Datasheet
1Mb / 22P
200mA Ultra-Compact Low Dropout Regulator
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
LOW-DROPOUT 200mA LINEAR REGULATOR
logo
Unisonic Technologies
M2950 UTC-M2950_15 Datasheet
316Kb / 8P
200mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com