Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1369 Datasheet(PDF) 6 Page - ams AG

Part # AS1369
Description  200mA Ultra-Compact Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1369 Datasheet(HTML) 6 Page - ams AG

Back Button AS1369 Datasheet HTML 2Page - ams AG AS1369 Datasheet HTML 3Page - ams AG AS1369 Datasheet HTML 4Page - ams AG AS1369 Datasheet HTML 5Page - ams AG AS1369 Datasheet HTML 6Page - ams AG AS1369 Datasheet HTML 7Page - ams AG AS1369 Datasheet HTML 8Page - ams AG AS1369 Datasheet HTML 9Page - ams AG AS1369 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.austriamicrosystems.com
Revision 1.03
6 - 16
AS1369
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VIN = VOUT + 0.5V, CIN = COUT = 1µF, TAMB = 25°C (unless otherwise specified).
Figure 5.
ΔVOUT vs. VIN; VOUT(NOM) = 1.5V
Figure 6.
ΔVOUT vs. VIN; VOUT(NOM) = 2.8V
-30
-20
-10
0
10
01
2
3
4
56
Input Voltage (V)
Tamb = -40°C
Tamb = 25°C
Tamb = 85°C
-30
-20
-10
0
10
33.5
44.5
55.5
6
Input Voltage (V)
TAM B = -40°C
TAM B = 25°C
TAM B = 85°C
Figure 7.
ΔVOUT vs. (VIN-VOUT); TAMB = -40°C
Figure 8.
ΔVOUT vs. (VIN-VOUT); TAMB = +25°C
-100
-80
-60
-40
-20
0
20
40
-100
-50
0
50
100
150
200
VIN - VOUT (mV)
1mA
50mA
100mA
150mA
200mA
VOUT(NOM) = 2.8V
-100
-80
-60
-40
-20
0
20
40
-100
-50
0
50
100
150
200
VIN - VOUT (mV)
1mA
50mA
100mA
150mA
200mA
VOUT(NOM) = 2.8V
Figure 9.
ΔVOUT vs. (VIN-VOUT); TAMB = +85°C
Figure 10. Dropout Voltage vs. IOUT; VOUT = 2.8V
-100
-80
-60
-40
-20
0
20
40
-100
-50
0
50
100
150
200
VIN - VOUT (mV)
1mA
50mA
100mA
150mA
200mA
VOUT(NOM) = 2.8V
0
20
40
60
80
100
120
140
0
50
100
150
200
Load Current (mA)
TAM B = 25°C
TAM B = 85°C
TAM B = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com