Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1500 Datasheet(PDF) 7 Page - ams AG

Part # AS1500
Description  Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1500 Datasheet(HTML) 7 Page - ams AG

Back Button AS1500 Datasheet HTML 3Page - ams AG AS1500 Datasheet HTML 4Page - ams AG AS1500 Datasheet HTML 5Page - ams AG AS1500 Datasheet HTML 6Page - ams AG AS1500 Datasheet HTML 7Page - ams AG AS1500 Datasheet HTML 8Page - ams AG AS1500 Datasheet HTML 9Page - ams AG AS1500 Datasheet HTML 10Page - ams AG AS1500 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.austriamicrosystems.com
Revision 1.01
7 - 14
AS1500
Data Sheet - El ectrical Characte ristics
AS150x – SPECIFICATIONS
VCC = 3V±10% or 5V±10%, VA = VCC, VB = 0V, –40ºC ≤ TA ≤ +125ºC unless otherwise noted.
tS_50k
VW Settling Time
RWB = 50kΩ, VA = VCC, VB = 0V,
±1% Error Band
9
µs
tS_100k
RWB = 100kΩ, VA = VCC, VB = 0V,
±1% Error Band
18
µs
eNWB_50k
Resistor Noise Voltage
RWB = 50kΩ, f =1kHz
20
nV/
√ Hz
eNWB_100k
RWB = 100kΩ, f =1kHz
29
nV/
√ Hz
1. Typicals represent average readings at 25ºC and VCC = 5V.
2. Wiper is not connected. IAB = 70µA for the 50kΩ version and 35µA for the 100kΩ version.
3. All Tempcos are guaranteed by design and not subject to production test.
4. Terminal A is not connected. IW = 70µA for the 50kΩ version and 35µA for the 100kΩ version.
5. Resistor terminals A, B, W have no limitations on polarity with respect to each other.
6. All capacitances are guaranteed by design and not subject to production test. Resistor-terminal capacitance
tests are measured with 2.5V bias on the measured terminal. The remaining resistor terminals are left open cir-
cuit.
7. Worst-case supply current consumed when input logic level at 2.4V, standard characteristic of CMOS logic.
8. PDISS is calculated from (IDD×VCC). CMOS logic level inputs result in minimum power dissipation.
9. All dynamic characteristics are guaranteed by design and not subject to production test. All dynamic characteris-
tics use VCC=5V.
Table 5. Switching Characteristics
Symbol
Parameter
Conditions
Min
Typ
1
1. Typicals represent average readings at 25ºC and VCC=5V.
Max
Unit
Switching Characteristics
2 3
2. Guaranteed by design and not subject to production test. Resistor-terminal capacitance tests are measured with
2.5V bias on the measured terminal. The remaining resistor terminals are left open circuit.
3. See timing diagram for location of measured values. All input control voltages are specified with tR = tF = 1ns
(10% to 90% of VCC) and timed from a voltage level of 1.6V. Switching characteristics are measured using
VCC=3V or 5V. To avoid false clocking, a minimum input logic slew rate of 1V/µs should be maintained.
tCH, tCL
Input Clock Pulsewidth
Clock Level High or Low
50
ns
tDS
Data Setup Time
5
ns
tDH
Data Hold Time
5
ns
tCSS
CSN Setup Time
10
ns
tCSWH
CSN High Pulsewidth
10
ns
tCSWL
CSN Low Pulsewidth
100
ms
tCSH
CK Fall to CSN Rise
Hold Time
0ns
tCS1
CSN Rise to Clock Rise
Setup
10
ns
Table 4. Electrical Characteristics – 50k and 100k Versions
Symbol
Parameter
Conditions
Min
Typ
1
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com