Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1500 Datasheet(PDF) 4 Page - ams AG

Part # AS1500
Description  Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1500 Datasheet(HTML) 4 Page - ams AG

  AS1500 Datasheet HTML 1Page - ams AG AS1500 Datasheet HTML 2Page - ams AG AS1500 Datasheet HTML 3Page - ams AG AS1500 Datasheet HTML 4Page - ams AG AS1500 Datasheet HTML 5Page - ams AG AS1500 Datasheet HTML 6Page - ams AG AS1500 Datasheet HTML 7Page - ams AG AS1500 Datasheet HTML 8Page - ams AG AS1500 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.austriamicrosystems.com
Revision 1.01
4 - 14
AS1500
Data Sheet - El ectrical Characte ristics
6 Electrical Characteristics
AS1500 / AS1501 – SPECIFICATIONS
VCC = 3V±10% or 5V±10%, VA = VCC, VB = 0V, –40ºC ≤ TA ≤ +125ºC unless otherwise noted.
Table 3. Electrical Characteristics – 10k and 20k Versions
Symbol
Parameter
Conditions
Min
Typ
1
Max
Units
DC Characteristics Rheostat Mode
RAB
Nominal Resistance
2
TA = 25ºC, VCC = 5V, AS1500,
Version: 50k
Ω
810
12
k
Ω
TA = 25ºC, VCC = 5V, AS1501,
Version: 100k
Ω
16
20
24
k
Ω
ΔRAB/ΔT
Resistance Tempco
3
VAB = VCC, Wiper = No Connect
500
ppm/ºC
RW
Wiper Resistance
VCC = 5V
20
100
200
Ω
R-DNL
Resistor Differential NL
4
RWB, VCC = 5V, VA = No Connect
-1
±1/4
+1
LSB
R-INL
Resistor Integral NL
RWB, VCC = 5V, VA = No Connect
-2
±1/2
+2
LSB
DC Characteristics Potentiometer Divider
N
Resolution
8Bits
INL
Integral Nonlinearity
VCC = 5.5V TA = 25ºC
-2
±1/2
+2
LSB
VCC = 2.7V TA = 25ºC
-2
±1/2
+2
LSB
DNL
Differential Nonlinearity
VCC = 5.5V TA = 25ºC
-1
±1/4
+1
LSB
VCC = 2.7V TA = 25ºC
-1
±1/4
+1
LSB
ΔVW /ΔT
Voltage Divider Tempco
Code = 80H
15
ppm/ºC
VWFSE
Full-Scale Error
Code = FFH, VCC = 5.5V
-4
-2.8
0
LSB
VWFSE
Zero-Scale Error
Code = 00H, VCC = 5.5V
01.3
2
LSB
Resistor Terminals
VA, B, W
Voltage Range
5
0VCC
V
CA, B
Capacitance
6
Ax, Bx
f =1MHz, Measured to GND,
Code = 80H
75
pF
CW
Capacitance Wx
f =1MHz, Measured to GND,
Code = 80H
120
pF
Digital Inputs and Outputs
VIH
Input Logic High
VCC = 5V
2.4
V
VIL
Input Logic Low
VCC = 5V
0.8
V
VIH
Input Logic High
VCC = 3V
2.1
V
VIL
Input Logic Low
VCC = 3V
0.6
V
IIH, IIL
Input Current
VIN = 5V or 0V, VCC = 5V
±1
µA
CIL
Input Capacitance
5pF
Power Supplies
VCC
Power Supply Range
2.7
5.5
V
IDD
Supply Current (CMOS) VIH = VCC or VIL = 0V, VCC = 5.5V
0.1
1
µA
IDD
Supply Current (TTL)
7
VIH = 2.4V or 0.8V, VCC = 5.5V
0.9
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com