Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1500 Datasheet(PDF) 1 Page - ams AG

Part # AS1500
Description  Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1500 Datasheet(HTML) 1 Page - ams AG

  AS1500 Datasheet HTML 1Page - ams AG AS1500 Datasheet HTML 2Page - ams AG AS1500 Datasheet HTML 3Page - ams AG AS1500 Datasheet HTML 4Page - ams AG AS1500 Datasheet HTML 5Page - ams AG AS1500 Datasheet HTML 6Page - ams AG AS1500 Datasheet HTML 7Page - ams AG AS1500 Datasheet HTML 8Page - ams AG AS1500 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AS1500/AS1501/AS1502/AS1503
Digita l Potentiometer
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.01
1 - 14
1 General Description
The AS1500 is a digital potentiometer with 256
programmable steps. The values of the resistor can be
controlled via 3 wire serial interface capable to handle
programming rates up to 10MHz.
The AS1500 is available in four different resistor values.
The AS1500 incorporates a 10k
Ω, the AS1501 a 20kΩ,
the AS1502 a 50k
Ω and the AS1503 a 100kΩ fixed
resistor. The wiper contact taps the fixed resistor at
points determined by the 8-bit digital code word. The
resistance between the wiper and the endpoint of the
resistor is linear. The switching action is performed in a
way that no glitches occur.
The AS150x is available in an 8-pin SOIC package. All
parts are guaranteed to operate over the extended
industrial temperature range of –40º to +125º.
2 Key Features
256 - Taps
Available in four Resistance values
- AS1500 resistance 10k
Ω
- AS1501 resistance 20k
Ω
- AS1502 resistance 50k
Ω
- AS1503 resistance 100k
Ω
Standby current - Less than 1 µA
3-Wire Serial Data Interface
10 MHz Update Data Loading Rate
2.7 V to 5.5 V Single-Supply Operation
Temperature Range –40º to +125º
8-pin SOIC Package
3 Applications
The AS1500 is ideal for volume controls in TV sets and
audio systems, and applications that require line
impedance matching, programmable filters or power
supply adjustment. The AS1500 can also be designed in
as a replacement for mechanical potentiometers.
Figure 1. Application Diagram
8
8
A
W
B
10 Bit
Serial
Latch
8-Bit
Latch
VCC
GND
SDI
CK
CSN


Similar Part No. - AS1500

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1500 AMSCO-AS1500 Datasheet
365Kb / 8P
Digital Potentiometer
AS1500-T AMSCO-AS1500-T Datasheet
365Kb / 8P
Digital Potentiometer
AS1500-TZ AMSCO-AS1500-TZ Datasheet
365Kb / 8P
Digital Potentiometer
AS1500-Z AMSCO-AS1500-Z Datasheet
365Kb / 8P
Digital Potentiometer
More results

Similar Description - AS1500

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844 Datasheet
289Kb / 14P
Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1805 MAXIM-DS1805 Datasheet
614Kb / 10P
Addressable Digital Potentiometer
Rev 0; 4/02
logo
ams AG
AS1500 AMSCO-AS1500 Datasheet
365Kb / 8P
Digital Potentiometer
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844_05 Datasheet
260Kb / 14P
Quad Digital Potentiometer
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
Dual Digital Potentiometer
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
Quad Digital Potentiometer
DP7251 COPAL-DP7251 Datasheet
168Kb / 15P
Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
Dual Digital Potentiometer
19-6589; Rev 1; 1/14
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
Dual Digital Potentiometer
19-6593; Rev 1; 1/14
DS1844 MAXIM-DS1844 Datasheet
265Kb / 14P
Quad Digital Potentiometer
053105
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com