Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1524 Datasheet(PDF) 7 Page - ams AG

Part # AS1524
Description  150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1524 Datasheet(HTML) 7 Page - ams AG

Back Button AS1524 Datasheet HTML 3Page - ams AG AS1524 Datasheet HTML 4Page - ams AG AS1524 Datasheet HTML 5Page - ams AG AS1524 Datasheet HTML 6Page - ams AG AS1524 Datasheet HTML 7Page - ams AG AS1524 Datasheet HTML 8Page - ams AG AS1524 Datasheet HTML 9Page - ams AG AS1524 Datasheet HTML 10Page - ams AG AS1524 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.austriamicrosystems.com
Revision 1.02
7 - 22
AS1524/AS1525
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Timing Characteristics
VDD = +2.7 to +5.25V, VREF = +2.5V, 4.7µF Capacitor at REF; fSCLK = 8MHz (50% Duty Cycle); AIN- = GND (AS1524)
TAMB = TMIN to TMAX (unless otherwise specified). Typical Values at TAMB = +25ºC.
Figure 3. DOUT Enable/Disable Time Load Circuits
Figure 4. Detailed Serial Interface Timing Diagram
Table 5. Timing Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
SCLK Pulse Width High
tCH
38
ns
SCLK Pulse Width Low
tCL
38
ns
SCLK Falling-to-DOUT
Transition
tDOT
CLOAD = 30pF (see Figure 3, Figure 4,
Figure 19 on page 12, Figure 20 on
page 12)
28
60
ns
SCLK Rising-to-DOUT
1
Disable
1. Guaranteed by Design and Characterisation.
tDOD
CLOAD = 30pF (see Figure 3, Figure 4,
Figure 19 on page 12, Figure 20 on
page 12)
100
200
500
ns
CNVST Falling-to-MSB Vlid
tCONV
CLOAD = 30pF (see Figure 3, Figure 4,
Figure 19 on page 12, Figure 20 on
page 12)
3.3
3.7
µs
CNVST Pulse Width
tCSW
30
ns
CLOAD
6k
Ω
GND
GND
DOUT
DOUT
High-impedance to VOH, VOL to VOH, and VOH to High-impedance
VDD
6k
Ω
GND
CLOAD
DOUT
SCLK
CNVST
tCL
tCH
tDOT
tDOD
tCSW
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com