Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1524 Datasheet(PDF) 10 Page - ams AG

Part # AS1524
Description  150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1524 Datasheet(HTML) 10 Page - ams AG

Back Button AS1524 Datasheet HTML 6Page - ams AG AS1524 Datasheet HTML 7Page - ams AG AS1524 Datasheet HTML 8Page - ams AG AS1524 Datasheet HTML 9Page - ams AG AS1524 Datasheet HTML 10Page - ams AG AS1524 Datasheet HTML 11Page - ams AG AS1524 Datasheet HTML 12Page - ams AG AS1524 Datasheet HTML 13Page - ams AG AS1524 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.austriamicrosystems.com
Revision 1.02
10 - 22
AS1524/AS1525
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 17. FFT @ 10kHz
-160
-140
-120
-100
-80
-60
-40
-20
0
0
1530
4560
75
Input Signal Frequency (kHz)
fSAMPLE = 150ksps
NFFT = 32768
SNR=72.7dB
THD = -79.3dB
SFDR = 83.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com